Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1109 Datasheet(PDF) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AS1109
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AS1109 Datasheet(HTML) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  AS1109 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1109 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1109 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1109 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1109 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1109 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1109 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1109 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1109 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
AS1109
Constant-Current, 8-Bit LED Driver with Diagnostics
www.ams.com/LED-Driver-ICs/AS1109
Revision 1.21
1 - 24
1 General Description
The AS1109 is designed to drive up to 8 LEDs through a fast serial
interface and features 8 output constant current drivers and an on-
chip diagnostic read-back function.
The high clock-frequency (up to 50MHz), adjustable output current,
and flexible serial interface makes the device perfectly suited for
high-volume transmission applications.
Output current is adjustable (up to 100mA/channel) using an external
resistor (REXT).
The serial interface with Schmitt trigger inputs includes an integrated
shift register. Additionally, an internal data register stores the
currently displayed data.
The device features integrated diagnostics for over-
temperature, open-LED, and shorted-LED conditions. Integrated
registers store global fault status information during load as well as
the detailed temperature/open-LED/shorted-LED diagnostics results.
The AS1109 also features a low-current diagnostic mode to minimize
display flicker during fault testing.
With an operating temperature range from -40 to +125°C the
AS1109 is also ideal for industrial applications.
The AS1109 is available in a 16-pin SOIC-150, a 16-pin QFN
(4x4mm) and the 16-pin QSOP-150 package.
Figure 1. Main Diagram and Pin Assignments
2 Key Features

8 Constant-Current Output Channels

Excellent Output Current Accuracy
- Between Channels: ±2%
- Between AS1109 Devices: ±2%

Output Current Per Channel: 0.5 to 100mA

Controlled In-Rush Current

Over-Temperature, Open-LED, Shorted-LED
Diagnostics Functions

Low-Current Test Mode

Global Fault Monitoring

Low Shutdown Mode Current: 3µA

Fast Serial Interface: up to 50MHz

Cascaded Configuration

Fast Output Drivers Suitable for PWM

16-pin SOIC-150, 16-pin QFN (4x4mm) and 16-pin QSOP-150
Package
3 Applications
The device is ideal for fixed- or slow-rolling displays using static or
multiplexed LED matrix and dimming functions, large LED matrix
displays, mixed LED display and switch monitoring, displays in
elevators, public transports (underground, trains, buses, taxis,
airplanes, etc.), large displays in stadiums and public areas, price
indicators in retail stores, promotional panels, bar-graph displays,
industrial controller displays, white good panels, emergency light
indicators, and traffic signs.
AS1109
SDI
SDO
CLK
LD
OEN
REXT
+VLED
1
GND
AS1109
16
VDD
2
SDI
3
CLK
4
LD
5
OUTN0
15 REXT
14 SDO
13 OEN
9 OUTN4
8
OUTN3
7
OUTN2
6
OUTN1
12 OUTN7
11 OUTN6
10 OUTN5
OUTN0
OUTN1
OUTN2
OUTN3
OUTN4
OUTN5
OUTN6
OUTN7
GND
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com