Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3635 Datasheet(PDF) 12 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AS3635
Description  Xenon Flash Driver with 5V IGBT Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AS3635 Datasheet(HTML) 12 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AS3635 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
www.austriamicrosystems.com/AS3635
1.4-8
11 - 20
AS3635
Datasheet - D e t a i l e d D e s c r i p t i o n
A typical charging cycle and its voltages and current on the different pins and signals are shown in Figure 18:
Figure 18. AS3635 Charging Cycle Details
The input CHARGE is set to high and charging begins (1).
During a single cycle, the internal NMOS transistor connects the pin SW to PGND (2). Therefore the current ISW rises
(3) until it reaches ISW current limit (4). Then the energy is transferred to the secondary side of the transformer and the
voltage VCFLASH on the flash capacitor CFLASH rises (5).
The output voltage VCFLASH gradually increases and once it hits the end of charge detection threshold (6) (detected on
VSW during the off time of the NMOS transistor between SW and PGND) 8 times (7)
1
, DONE is pulled low (8). When
CHARGE is set to low afterwards (9), DONE returns to high (10) finishing a full charging cycle.
Note:
For simplicity the number of actual charging cycles (NMOS SW on/off) are reduced in Figure 18.
1. The 8 cycles required for actual detection of the end of charge conditions are not shown in Figure 18.
  


  
!!
"
 #$ # 
%
&
'
(
)
*
+
"
,
%-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com