Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3685A Datasheet(PDF) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AS3685A
Description  Ultra Small High Efficiency 1000mA Charge Pump
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AS3685A Datasheet(HTML) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AS3685A Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AS3685A/AS3685B
Datasheet
www.austriamicrosystems.com/
AS3685
(ptr)
Revision 2.2
6 - 24
6
Typical Operation Characteristics
Figure
2 – Efficiency vs. Battery Voltage (with Lumiled PWF1)
40
50
60
70
80
90
100
2.8
3.2
3.6
4.0
4.4
4.8
5.2
VBAT [V]
ILED=700m
ILED=600m
ILED=500m
ILED=400m
ILED=300m
ILED=200m
ILED=100m
ILED=50m
Figure
3 – Battery Current vs. Battery Voltage (with Lumiled PWF1)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.8
3.2
3.6
4.0
4.4
4.8
5.2
VBAT [V]
ILED=700m
ILED=600m
ILED=500m
ILED=400m
ILED=300m
ILED=200m
ILED=100m
ILED=50m
Figure
4 – LED current I(ILED) vs. Battery Voltage (with Lumiled PWF1)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2.83.23.64.04.44.85.2
VBAT [V]
ILED=700m
ILED=600m
ILED=500m
ILED=400m
ILED=300m
ILED=200m
ILED=100m
ILED=50m
Figure
5 – Linearty of Current Sink
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.5
1.0
1.5
2.0
2.5
VILED [V]
ILED=700m
ILED=600m
ILED=500m
ILED=400m
ILED=300m
ILED=200m
ILED=100m
ILED=50m
Figure
6 –I(ILED) vs. R(ISET) (Flash and Torch Mode of AS3685A)
0
200
400
600
800
1000
1200
0k
20k
40k
60k
80k
100k
120k
140k
RISET [Ohm]
Flash Mode
Torch Mode
Figure
7 – Startup of AS3685A -- ILED Current
ILED 500mA/div 100µs/div
VBAT=3.3V, ILED=700mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com