Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3685B Datasheet(PDF) 6 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AS3685B
Description  Ultra Small High Efficiency 1000mA Charge Pump
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AS3685B Datasheet(HTML) 6 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AS3685B Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685B Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685B Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685B Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685B Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685B Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685B Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685B Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685B Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
AS3685A/AS3685B
Datasheet
www.austriamicrosystems.com/
AS3685
(ptr)
Revision 2.2
5 - 24
Table
4 – Current Source (Sink) Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Note
ITORCH2ISET
Torch Current to Bias Current
Ratio
1639
A/A
AS3685A, EN1=0, EN2=1
(150mA with RISET = 14.2kΩ)
400
mV
AS3685A, EN1=1, EN2=1 or
AS3685B with ILED>350mA
(with RISET = 14.2kΩ)
VSWITCH
Mode Switching Threshold on
V(ILED) between 1:1 -> 1:1.5
and 1:1.5 -> 1:2
150
200
250
mV
All lower currents
Table
5 –Digital Interface characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Note
VIH
High Level Input voltage
1.5
VBAT
V
VIL
Low Level Input voltage
0.0
0.5
V
ILEAKAGE
Input pin leakage current
-10
10
μA
tPULSEWIDTH
Pulsewidth for signals on EN1
and EN2 (high or low pulses)
1.0
unlimited
μs
For Pins EN1 and EN2
Do not leave EN1 and EN2
floating; (47kΩ pulldowns can
be used)
Table
6 – Protection Functions
Symbol
Parameter
Min
Typ
Max
Unit
Note
TOVTEMP
Overtemperature protection
140
°C
TOVTEMPHYST
Overtemperature protection
Hysteresis
5
°C
If the junction temperature
exceeds TOVTEMP, the current
sink will be disabled and the
charge pump switched back
into 1:1 mode until the
temperature drops below
TOVTEMP - TOVTEMPHYST
tFLASHTIMEOUT
Flash Timeout Time
-20%
800
+20%
ms
AS3685A, EN1=1, EN2=1 or
AS3685B flash modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com