Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD26713 Datasheet(PDF) 21 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TMD26713
Description  DIGITAL PROXIMITY DETECTOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TMD26713 Datasheet(HTML) 21 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TMD26713 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26713 Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26713 Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26713 Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26713 Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26713 Datasheet HTML 22Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26713 Datasheet HTML 23Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26713 Datasheet HTML 24Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26713 Datasheet HTML 25Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
TMD2671
DIGITAL PROXIMITY DETECTOR
TAOS144B − SEPTEMBER 2012
20
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
ID Register (0x12)
The ID Register provides the value for the part number. The ID register is a read-only register.
Table 12. ID Register
6
75
4
2
31
0
ID
ID
Address
0x12
FIELD
BITS
DESCRIPTION
ID
7:0
Part number identification
0x20 = TMD26711
ID
7:0
Part number identification
0x29 = TMD26713
Status Register (0x13)
The Status Register provides the internal status of the device. This register is read only.
Table 13. Status Register
6
75
4
2
31
0
STATUS
Reserved
Resv
Address
0x13
Reserved
PINT
FIELD
BIT
DESCRIPTION
Reserved
7:6
Reserved.
PINT
5
Proximity Interrupt. Indicates that the device is asserting a proximity interrupt.
Reserved
4:0
Reserved.
Proximity Data Register (0x18 − 0x19h)
Proximity data is stored as a 16-bit value. To ensure the data is read correctly, a two-byte I2C read transaction
should be utilized with auto increment protocol bits set in the command register. With this operation, when the
lower byte register is read, the upper eight bits are stored into a shadow register, which is read by a subsequent
read to the upper byte. The upper register will read the correct value even if the next ADC cycle ends between
the reading of the lower and upper registers.
Table 14.
PDATA Registers
REGISTER
ADDRESS
BITS
DESCRIPTION
PDATAL
0x18
7:0
Proximity data low byte
PDATAH
0x19
7:0
Proximity data high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com