Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD37821 Datasheet(PDF) 21 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TMD37821
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TMD37821 Datasheet(HTML) 21 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TMD37821 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD37821 Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD37821 Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD37821 Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD37821 Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD37821 Datasheet HTML 22Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD37821 Datasheet HTML 23Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD37821 Datasheet HTML 24Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD37821 Datasheet HTML 25Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Datasheet - Mar. 2013 - V2
TMD3782 – 21
The Clear Channel Interrupt Threshold registers provide 16 bit
values to be used as the high and low thresholds for comparison
to the 16 bit CDATA values. If AIEN (r0x00:b4) is enabled and
CDATA is not between AILT and AIHT for the number of
consecutive samples specified in APERS (r0x0C) an interrupt is
asserted on the interrupt pin.
Figure TMD3782 – 30:
Clear Channel Interrupt Threshold Registers
The Proximity Interrupt Threshold registers provide 16 bit
values to be used as the high and low thresholds for comparison
to the 16 bit PDATA values. If PIEN (r0x00:b5) is enabled and
PDATA is not between PILT and PIHT for the number of
consecutive samples specified in PPERS (r0x0C) an interrupt is
asserted on the interrupt pin.
Figure TMD3782 – 31:
Proximity Interrupt Threshold Registers
Registers
Address
Bits
Description (Reset value = 0x00)
AILTL
0x04
7:0
ALS low threshold lower byte
AILTH
0x05
7:0
ALS low threshold upper byte
AIHTL
0x06
7:0
ALS high threshold lower byte
AIHTH
0x07
7:0
ALS high threshold upper byte
Registers
Address
Bits
Description (Reset value = 0x00)
PILTL
0x08
7:0
Proximity low threshold lower byte
PILTH
0x09
7:0
Proximity low threshold upper byte
PIHTL
0x0a
7:0
Proximity high threshold lower byte
PIHTH
0x0b
7:0
Proximity high threshold upper byte
Clear Channel Interrupt Threshold
Register (0x04 - 0x0b)
Proximity Interrupt Threshold
Register (0x04 - 0x0b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com