Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G-WHITE Datasheet(PDF) 1 Page - Marktech Corporate

Part # XP-G-WHITE
Description  Cree XP-G Color Series on Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

XP-G-WHITE Datasheet(HTML) 1 Page - Marktech Corporate

  XP-G-WHITE Datasheet HTML 1Page - Marktech Corporate XP-G-WHITE Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cree XP-G Color Series on Board
FEATURES
APPLICATIONS
> Maximum drive current: 1500mA
> Directional
> Low thermal resistance: 4 °C/W
> High-End Portable
> Wide viewing angle: 125°
> Low & High Bay
> Roadway & Parking
FLUX CHARACTERISTICS
COLOR
CCT (TYP.)
KIT USED
Cool White
6000K
0H53
Neutral White
4000K
0EE5
Warm White
3000K
0CE7
CHARACTERISTICS
UNIT
MINIMUM
TYPICAL
MAXIMUM
Viewing angle (FWHM)
degrees
125
Effective Thermal Resistance, Junction to Solder Point
°C/W
4
ESD classification (HBM per Mil-Std-883D)
Class 2
DC forward current
mA
1500
Reverse voltage
V
5
Forward voltage (@ 350 mA, 25 °C)
V
2.9
3.25
Forward voltage (@ 700 mA, 25 °C)
V
3.05
Forward voltage (@ 1000 mA, 25 °C)
V
3.15
Forward voltage (@ 1500 mA, 25 °C)
V
3.25
Temperature coefficient of voltage (6V)
mV/°C
-2.1
Cree XP-G Color Series on Board
MIN.FLUX (LM) @350MA
It is highly recommended for the user to review the CREE Series page for additional and most recent technical data at:
http://www.cree.com/led-components-and-modules/products/xlamp/discrete-directional/xlamp-xpg
Optimized for high lumen directional lighting applications, the XLamp XP-G LED set
a new standard for light output and efficacy in a small form factor LED. The XLamp
XP-G LED is capable of delivering up to 493 lumens at 93 lumens per watt when
driven at 1.5 A. Others have tried to match its performance but no one has come
close. Now, the XLamp XP-G LED is even brighter.
139
114
100
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA www.marktechopto.com
TOLL FREE: 1-800-984-5337 • PHONE: 518-956-2980 • FAX: 518-785-4725 • EMAIL: info@marktechopto.com


Similar Part No. - XP-G-WHITE

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
XP-G-WHITE COMCHIP-XP-G-WHITE Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
XP-G-WHITE COMCHIP-XP-G-WHITE_15 Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
More results

Similar Description - XP-G-WHITE

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
XB-D-COLOR MARKTECH-XB-D-COLOR Datasheet
88Kb / 2P
Cree XB-D Color Series on Board
XM-L-COLOR MARKTECH-XM-L-COLOR Datasheet
93Kb / 2P
Cree XM-L Color Series on Board
logo
Comchip Technology
XB-D-COLOR COMCHIP-XB-D-COLOR_15 Datasheet
88Kb / 2P
Cree XB-D Color Series on Board
XM-L-COLOR COMCHIP-XM-L-COLOR_15 Datasheet
93Kb / 2P
Cree XM-L Color Series on Board
XP-G-WHITE COMCHIP-XP-G-WHITE_15 Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
logo
Marktech Corporate
MTG7-001I-XPG00-CW-0H53 MARKTECH-MTG7-001I-XPG00-CW-0H53 Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
MTG7-001I-XPG00-NW-0EE5 MARKTECH-MTG7-001I-XPG00-NW-0EE5 Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
MTG7-001I-XPG00-WW-0CE7 MARKTECH-MTG7-001I-XPG00-WW-0CE7 Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
MTG7-001L-XBD00-RD-0701 MARKTECH-MTG7-001L-XBD00-RD-0701 Datasheet
29Kb / 2P
Cree XB-D Color Series on Board
MTG7-001L-XML00-RGBW-BCB1 MARKTECH-MTG7-001L-XML00-RGBW-BCB1 Datasheet
93Kb / 2P
Cree XM-L Color Series on Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com