Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98714 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM98714 Datasheet HTML 35Page - Texas Instruments LM98714 Datasheet HTML 36Page - Texas Instruments LM98714 Datasheet HTML 37Page - Texas Instruments LM98714 Datasheet HTML 38Page - Texas Instruments LM98714 Datasheet HTML 39Page - Texas Instruments LM98714 Datasheet HTML 40Page - Texas Instruments LM98714 Datasheet HTML 41Page - Texas Instruments LM98714 Datasheet HTML 42Page - Texas Instruments LM98714 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 115 page
background image
LM98714
www.ti.com
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
PIXEL AVERAGING
In order to obtain a snapshot of the current value for black (for comparison with the desired level of black) the
ADC output is sampled upon activation of BLKCLP. Since a single optical black pixel is unlikely to be an accurate
representation of the black level, a number of adjacent pixels are averaged. The number of pixels sampled is
programmable by the Pixel Averaging Bit[5:4] within the Black Level Clamp Control register. The ability to select
the number of pixels to be averaged (4, 8, 16, or 32 per line) provides greater flexibility allowing the LM98714 to
be used with different CCDs having differing number of black pixels.
TARGET BLACK LEVEL
The Target Black Level registers define a 10-bit word that specifies an ADC output (on the 12 bit level)
corresponding to the desired optical black output code (ignoring the four LSBs of the 16 Bit ADC output). In other
words, one Target Black Level LSB corresponds to sixteen ADC LSBs. Assertion of the BLKCLP signal activates
the digital black clamp loop and the black level is steered toward the value stored in the output black level
register. The digital black clamp loop is only limited in it’s range by the offset DAC’s range.
Once the correct number of pixels have been averaged, the value is subtracted from the Target Black Level and
an error value is produced.
OFFSET INTEGRATION
Each time the BLKCLP signal is activated, the average ADC output of several black pixels is compared to the
Target Black Level producing an error value. This error value is not directly added (or subtracted) to the Black
Level Offset register, rather, the value applied is a programmable fraction of this error. This has the effect of
slowing down the offset convergence resulting in a calculation for offset that is less susceptible to noise. The
scaling factor is stored in the Offset integration Bits[3:2] of the Black Level Clamp Control register. The scaling
values are divided-by-8, 16, 32, or 64. Divide-by-8 provides the quickest convergence of the loop (for use when
the number of lines available for calibration is limited) and Divide-by-64 the longest (for use when using an large
number of lines to converge).
LINE AVERAGING
The Auto Black level Correction Loop can be run for 15 lines, 31 lines, 63 lines, or infinite (every line). The Line
Averaging Bits[7:6] found in the lack Level Clamp Control register set the number of lines that the loop will run
after the Start of Scan. The recommended use of the Auto Black Level Correction Loop is in a calibration period
prior to moving the sensor down the page or during the first several lines of the page. By experimenting with the
Line Averaging and Offset Integration bits with no sensor illumination (black pixels), the proper settings for the
Auto Black Level Correction Loop are determined when the ADC output converges to the Target Black Level
value. If the loop converges with the 15, 31, or 63 line setting, the loop can remain enabled. The loop does not
update the Black Level Offset DAC once the number of lines since “Start of Scan” has passed. If the loop
requires more than 63 lines to converge (i.e. requires Line Averaging = infinite), it is recommended to disable the
loop after convergence has been reached. In the “infinite” setting, the loop will continuously update the Black
Level Offset registers as long as the loop is enabled throughout the entire scan.
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com