Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4877 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C4877
Description  High Performance Thermoelectric Coolers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C4877 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C4877 Datasheet HTML 1Page - Hamamatsu Corporation C4877 Datasheet HTML 2Page - Hamamatsu Corporation C4877 Datasheet HTML 3Page - Hamamatsu Corporation C4877 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dimensional Outlines (Unit: mm)
Cooling Characteristics
TACCA0172EB
TACCA0173EB
TACCB0034EA
TACCB0035EA
Cooling Effect on Dark Count (C4877)
Spectral Transmission Characteristics
of Optical Window
TACCB0038EB
TACCB0036EA
0
1000
CHANNEL
100
500
101
102
103
104
105
PMT : R943
−02
ROOM TEMPERATURE
(17400 s-1)
−25 °C (4 s-1)
100
1200
400
1000
WAVELENGTH (nm)
0
40
100
200
600
800
20
60
80
6-M3 THREAD
S-100 O-RING
WINDOW FLANGE
160
215
275
8
35 MAX.
30
200
302
205
140
35
30
200
8
50
+2
–0
WINDOW FLANGE
PMT
EVACUATED WINDOW
HOUSING
FRONT PANEL
HOUSING
POWER SUPPLY
REAR
(C4877 Series)
FRONT
130
(C4878 Series)
6-M3 THREAD
S-100 O-RING
WINDOW FLANGE
130
61.5
PHOTOCATHODE
8
WINDOW FLANGE
PMT
EVACUATED WINDOW
HOUSING
FRONT PANEL
*
C4877-02 and C4878-02 conform to the EMC directive (89/336/EEC) and the LVD (73/223/EEC) of the European Union.
0
120
40
80
TIME (min)
-40
-30
100
20
60
-20
-10
0
+10
+20
+30
COOLING WATER
AMBIENT TEMPERATURE
:
+20 °C
:
+20 °C
0
+30
+10
+20
COOLING WATER TEMPERATURE (°C)
-50
-30
-20
-10
-40
103



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com