Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA913 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2SA913
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SA913 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SA913 Datasheet HTML 1Page - Savantic, Inc. 2SA913 Datasheet HTML 2Page - Savantic, Inc. 2SA913 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
2SA913 2SA913A
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SA913
-150
V(BR)CEO
Collector-emitter
breakdown voltage
2SA913A
IC=-0.1mA ,IB=0
-180
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-10µA ,IC=0
-5
V
2SA913
IC=-0.5A; IB=-50mA
-1.0
VCEsat
Collector-emitter
saturation voltage
2SA913A
IC=-0.3A; IB=-30mA
-1.5
V
2SA913
IC=-0.5A; IB=-50mA
VBEsat
Base-emitter
saturation voltage
2SA913A
IC=-0.3A; IB=-30mA
-1.5
V
ICBO
Collector cut-off current
VCB=-120V; IE=0
-1
µA
IEBO
Emitter cut-off current
VEB=-4V; IC=0
-1
µA
hFE-1
DC current gain
IC=-150mA ; VCE=-10V
65
330
hFE-2
DC current gain
IC=-500mA ; VCE=-5V
50
COB
Output capacitance
IE=0 ;VCB=-100V;f=1MHz
15
pF
fT
Transition frequency
IC=50mA ; VCE=-10V
120
MHz
hFE-1 Classifications
P
Q
R
S
65-110
90-155
130-220
185-330



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com