Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2B2409XM Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # 2B2409XM
Description  Isolated 2W Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

2B2409XM Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  2B2409XM Datasheet HTML 1Page - Microdc power Technology Co., Ltd 2B2409XM Datasheet HTML 2Page - Microdc power Technology Co., Ltd 2B2409XM Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2
2B-XES&
B-XES&2
2F-XES&
F-XES&2
2H-XES
H-XES
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 3
General
General Specifications
Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
50
KHz
Operating temperature
Full Load without Derating
-40 to +85
℃
Storage temperature
-40 to +125
℃
Max Case temperature
90
℃
Cooling
Free air convection
%
Humidity
90
%
Case material
Plastic UL94-VO
Weight
3.8
g
Dimensions (L x W x H)
1.25 x 0.34 x 0.53 inches
31.80 x 8.60 x 13.47 mm
MTBF
>1 500 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25 C)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltageand at rated output load
unless otherwise specified
Pin
1000VDC
3000 and 6000VDC
1
+V Input
+V Input
2
N.C.
-V Input
3
N.C.
N.C.
9
N.C.
N.C.
10
-V Output
-V Output
11
+V Output
+V Output
12
-V Input
N.C.
Pin
Pin Out
Out Specifications
Specifications
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646 E-mail:tech@microdc.cn
Website:http://www.microdc.cn
RoHS COMPLIANT INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature
of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin
with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this
series are backward compatible with Sn/Pb soldering systems.
REACH COMPLIANT INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has
harmful chemical substances through the registration, inspection and approval.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com