Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-XM Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # B-XM
Description  Isolated 1W Single Output MICRO SIP4 DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

B-XM Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  B-XM Datasheet HTML 1Page - Microdc power Technology Co., Ltd B-XM Datasheet HTML 2Page - Microdc power Technology Co., Ltd B-XM Datasheet HTML 3Page - Microdc power Technology Co., Ltd B-XM Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
B
B-X
-XM
M Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 4
Isolation
Isolation Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso= 1000VDC
10
GΩ
Resistance(B24、B48)
Viso= 500VDC
10
GΩ
Output
Output Specifications
Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA= -40°C to 120°C
1.0
W
Rated Power(B24、B48)
TA=0°C to 70°C
1.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.0
1.2
%%
Line regulation(B24、B48)
High VIN to low VIN
1.2
%%
Load regulation(B24、B48)
10% load to rated load, 5V output types
15
%
10% load to rated load,all other output types
10
%
Load regulation(5Vinput、
12Vinput)
10% load to rated load, 5V output types
10
12.5
%
10% load to rated load, 9V output types
9
10
%
10% load to rated load,12V output types
6.5
7.5
%
10% load to rated load,15V output types
6
7.0
%
Load regulation(15V input)
10% load to rated load, 5V output types
5.5
10
%
10% load to rated load,12V output types
2.6
3.0
%
10% load to rated load, 15V output types
2.3
3.0
%
Ripple&Noise(B24、B48)
BW=DC to 20MHz, all input types
150
mV p-p
Ripple&Noise
BW=DC to 20MHz, 5V output types
10
20
mV p-p
BW=DC to 20MHz, 9V output types
7
15
mV p-p
BW=DC to 20MHz, 12V output types
7.5
15
mV p-p
BW=DC to 20MHz, 15V output types
8
15
mV p-p
Temperature
Temperature Characteristics
Characteristics
Conditions
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
B05、B12、B15
-40
85
℃
Specification
B24、B48
0
70
℃
Storage
B05、B12、B15
-50
130
℃
Storage
B24、B48
-55
150
℃
Case temperature rise
above
ambient
0505,1205
33
℃
0509,0512,0515,1209,1212,1215
28
℃
1505
26
℃
1512,1515
17
℃
Cooling
Free air convection
General
General Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
5V input types
110
kHz
12V input types
140
kHz
15V input types
90
kHz
Switching frequency(B24、B48)
All input types
100
kHz
Temperature
Temperature derating
derating graph
graph
Tolerance
Tolerance envelope
envelope
85° c
70° c
5V & 12V Input 24V & 48V Input
Ambient Temperature (
C)
O
u
t
p
u
t
P
o
w
e
r
(
W
)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com