Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5658 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C5658
Description  APD module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C5658 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C5658 Datasheet HTML 1Page - Hamamatsu Corporation C5658 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APD module
C5658
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2001 Hamamatsu Photonics K.K.
Cat. No. KACC1023E01
Mar. 2001 DN
Mating connector (supplied):
DE-9S (made by JAE) or equivalent
TIME 500 ps/div.
500
GND
FREQUENCY
100 MHz
1 GHz
5 GHz
+20
-20
0
-40
KACCB0050EA
s Dimensional outline (unit: mm)
KACCB0051EB
KACCA0092EA
s Pin connection
Pin No.
Signal
1+12 V
2
NC
3GND
4
NC
5NC
6
NC
7NC
8
NC
9NC
s Pulse response waveform
s Frequency response
KACCC0134EA
28.0
50.0
PHOTOSENSITIVE
SURFACE
ACTIVE AREA
1.0
SIGNAL OUTPUT
CONNECTOR
(SMA)
POWER SUPPLY
CONNECTOR
(D-SUB)
MOUNTING THREADED HOLE
M6 (DEPTH: 6)
4.5
1234
6789
5
KACCC0135EA
s Block diagram
50
Ω
THERMOSENSOR
SIGNAL OUTPUT
TEMPERATURE-
COMPENSATED
BIAS VOLTAGE
-200 V
GAIN
: -100
HIGH BAND: 1 GHz
LOW BAND : 1 MHz
CUT-OFF FREQUENCY
APD
(



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com