Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D-XM Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # D-XM
Description  1W,FIXED INPUT,1000V ISOLATED & UNREGULATED TWIN OUTPUT DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

D-XM Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  D-XM Datasheet HTML 1Page - Microdc power Technology Co., Ltd D-XM Datasheet HTML 2Page - Microdc power Technology Co., Ltd D-XM Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
D-XM
D-XM
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Isolation voltage (Vin/Vout)
Tested for 1 minute and 1mA max
1000
VDC
Isolation voltage (Vo1/Vo2)
Tested for 1 minute and 1mA max
1000
VDC
Isolation resistance (Vin/Vout)
Test at 500VDC
1000
MΩ
Isolation resistance (Vo1/Vo2)
Test at 500VDC
1000
MΩ
Isolation capacitance(Vin/Vout)
30
pF
Isolation capacitance(Vo1/Vo2)
30
pF
APPLICATION
APPLICATION NOTE
NOTE
Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the minimum output load
could not be less than 10% of the full load. If the actual output power is very small, please connect a
resistor with proper resistance at the output end in parallel to increase the load , or use our company
products with a lower rated output power.
Recommended circuit
If you want to further decrease the input/output ripple , an "LC" filtering network may be connected to
the input and output ends of the DC/DC converter, see (Figure 1).
It should also be noted that the inductance and the frequency of the "LC" filtering network should be
staggered with the DC/DC frequency to avoid mutual interference. However , the capacitance of the output
filter capacitor must be proper. If the capacitance is too big,a startup problem might arise. For every channel
of output , provided the safe and reliable operation is ensured , the recommended capacitance of its filter
capacitor sees (Table 1).
Output Voltage Regulation and Over-voltage Protection Circuit
The simplest device for output voltage regulation, over-voltage and over-current protection is a linear
voltage regulator with overheat protection that is connected to the input or output end in series (Figure 2).
Overload Protection
Under normal operating conditions, the output circuit of these products has no protection against
overload.The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit
breaker to the circuit.
No parallel connection or plug and play
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
RECOMMENDED
RECOMMENDED CIRCUIT
CIRCUIT
It's not recommended to connect any external capacitor in the
application field with less than 0.5 watt output.
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Output power
0.1
1
W
Line regulation
For Vin change of 1%
±
1.5
%
Load regulation
10% to 100% load (3.3V output)
15
20
%
Load regulation
10% to 100% load(5V output)
12.8
15
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
±
0.03
%/℃
Ripple & Noise*
20MHz Bandwidth
75
100
mVp-p
Switching frequency
Full load, nominal input
130
KHz
*Test ripple and noise by "Parallel cable"method. See detailed operation
instructions at Testing of Power
Converter section, application notes.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com