Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB-XLS Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # RB-XLS
Description  Isolated 0.5W Single Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

RB-XLS Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  RB-XLS Datasheet HTML 1Page - Microdc power Technology Co., Ltd RB-XLS Datasheet HTML 2Page - Microdc power Technology Co., Ltd RB-XLS Datasheet HTML 3Page - Microdc power Technology Co., Ltd RB-XLS Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RB
RB-X
-XLS&RB-XLD
LS&RB-XLD
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 4
OUTPUT
OUTPUT CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40°C to 120°C
0.5
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.0
1.2
%%
Temperature
Temperature Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
85
℃
Storage
-50
130
Case temperature above ambient
5V output types
23
All other output types
28
TOLERANCE
TOLERANCE ENVELOPE
ENVELOPE
RB2405XLS
RB1512XLS,RB1515XLS,RB2412XLS,RB2415XLS
All other types
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.Another 24V& 48V products, please inquire Our technical department!
General
General Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
5V input types
110
kHz
12V input types
160
15V input types
90
24V input types
80
Isolation
Isolation Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso= 1000VDC
10
GΩ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com