Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB0303XLS Datasheet(PDF) 4 Page - Microdc power Technology Co., Ltd

Part # RB0303XLS
Description  Isolated 0.5W Single Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

RB0303XLS Datasheet(HTML) 4 Page - Microdc power Technology Co., Ltd

  RB0303XLS Datasheet HTML 1Page - Microdc power Technology Co., Ltd RB0303XLS Datasheet HTML 2Page - Microdc power Technology Co., Ltd RB0303XLS Datasheet HTML 3Page - Microdc power Technology Co., Ltd RB0303XLS Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RB
RB-X
-XLS&RB-XLD
LS&RB-XLD
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 4 of 4
PACKAGE
PACKAGE SPECIFICATIONS
SPECIFICATIONS
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
7
7 Pin
Pin SIP
SIP package
package
14
14 Pin
Pin DIP
DIP package
package
All dimensions in inches ±0.01(mm±0.25mm).
All pins on a 0.1(2.54) pitch and within ±0.01(0.25)of true position.
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT DETAILS
DETAILS
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT DETAILS
DETAILS
7
7 Pin
Pin SIP
SIP Package
Package
14
14 Pin
Pin SIP
SIP Package
Package
All dimensions in inches ±0.01 (mm± 0.25mm).
All dimensions in inches ±0.01 (mm± 0.25mm).
TUBE
TUBE OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
7
7 PIN
PIN SIP
SIP Tube
Tube
14
14 PIN
PIN SIP
SIP Tube
Tube
Unless otherwise stated all dimensions in inches (mm) ±0.5mm.
Tube length (14 Pin DIP) : 20.47 (520mm ±2mm).
Tube length (7 Pin SIP) : 20.47 (520mm ±2mm).
Tube Quantity :25
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
-7
-7 PIN
PIN SIP
SIP
-14
-14 PIN
PIN DIP
DIP
P
Pin
in
Function
Function
P
Pin
in
F
Function
unction
1
1
+Vin
1
1
-Vin
2
2
-Vin
7
7
NC
4
4
-Vout
8
8
-Vout
6
6
+Vout
9
9
+Vout
11
11
No Pin
14
14
+Vin
TEMPERATURE
TEMPERATURE DERATING
DERATING GRAPHS
GRAPHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com