Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5949 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C5949
Description  Position Sensor System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C5949 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C5949 Datasheet HTML 1Page - Hamamatsu Corporation C5949 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
40
64
HAMAMATSU
DIMENSIONAL OUTLINES (UNIT: mm)
• Sensor head (Weight: Approx. 140 g)
• Controller (Weight: Approx. 3.4 kg)
• Subject to local technical requirements and regulations, availability of products included in this promotional material may vary.
Please consult with our sales office.
• Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies
or omissions. Specifications and external appearance are subject to change without notice.
© 1999 Hamamatsu Photonics K.K.
Homepage Address http://www.hamamatsu.com
HAMAMATSU PHOTONICS K.K., Systems Division
812 Joko-cho, Hamamatsu City, 431-3196, Japan, Telephone: (81)53-431-0124, Fax: (81)53-435-1574, E-mail:export@sys.hpk.co.jp
U.S.A. and Canada: Hamamatsu Photonic Systems: 360 Foothill Road, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1)908-231-1116, Fax: (1)908-231-0852
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: Lough Point, 2 Gladbeck Way, Windmill Hill, Enfield, Middlesex EN2 7JA, United Kingdom, Telephone: (44)208-367-3560, Fax: (44)208-367-6384
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 Solna, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E 20020 Arese (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741
Cat. No. SIMS1005E01
APR/99 CR
Created in Japan (PDF)
ISO 9001/ISO 13485
EN 46001
Certificate: 09 105 79045
OPTIONAL
For more measuring points
M6254 :
Measuring Points extension board
Additional 3 points
(Max 2 boards can be installed in
C5949 Controller)
M1375-16 : LED Target
Peak Emitting Wavelength = 890 nm
LED Holder size = 30 mm
× 16 mm
Cable Length = 10 m
CONFIGURATIONS
SPECIFICATIONS
Detector
non-discrete position sensitive detector (PSD)
Spectral Response
700 to 1150 nm
Measurement point
1 (Standard)
Max. Measurement point
7 (using two M6254 board)
Sampling frequency
300 Hz
Position Detecting Error
Zone A (refer to figure below)
± 1%, Zone B ± 2%
Resolution
1/5000 (using recorder)
Error due to light intensity variations
± 1% (Light level 8 to 4)
Lens Mount
C Mount
Output Signal
Parallel
± 5 V (Analog Signal output by 50 pin connector)
Serial
± 5 V (Analog Signal output by BNC connector)
Operating temperature
0 to +40 ˚C
Storage temperature
-10 to +50 ˚C
Operating/storage humidity
Less than 90% (with no condensation)
Line voltage
100/117/220/240 VAC
± 1%, 50/60 Hz
Power consumption
Approx. 30 VA
APPLICATION
Measurement of movements of a robot or other
objects
Measurement of movement of an object floating
in a tank, measurement of bridge vibration
Measurement of a person’s movements
10m
30
HAMAMATSU
POSITION SENSOR SYSTEM
C5949
HIGH
LEVEL
X DATA
Y DATA
CH.SELECT
LOW
X DATA
POWER
1.11
Y DATA
1.11
5.5
232
308
1
2
3
4
5
6
7
STATUS
1
2
3
4
5
6
7
C5949-01
C5949-04
C5949-07
Sensor head
1
Sensor head
1
Sensor head
1
Sensor Head Cable
1
Sensor Head Cable
1
Sensor Head Cable
1
Controller
1
Controller
1
Controller
1
AC Cable
1
AC Cable
1
AC Cable
1
LED Target
1
LED Target
4
LED Target
7
Measuring Points Extension board
1
Measuring Points Extension board
2
• LED Target



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com