Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1020CC Datasheet(PDF) 2 Page - Marl International Limited

Part # LP1020CC
Description  Switch-Mode LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

LP1020CC Datasheet(HTML) 2 Page - Marl International Limited

  LP1020CC Datasheet HTML 1Page - Marl International Limited LP1020CC Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INDUSTRIES CORP. 5625-A S. Arville, Las Vegas, NV 89118 Tel:702-364-9998 Fax: 702-364-1562 www.magtechind.com Anz095G
MECHANICAL DRAWING
Model Information – Single DC output
LP1020-XX – Constant Voltage Model
XX – Available Output Voltage, refer to chart above
LP1020-XXC (YYY) – Constant Current Model
C – Stands for Constant Current Model
XX – Available Output Voltage
YYY – Available Constant Current Settings, 350mA or 700mA or 1050mA
AC input cable
AWG #20, two conductors UL PLTC type or equiv.
DC output cable
AWG #20, two conductors UL PLTC type or equiv.
5 [0.20]
(2X)
AC INPUT WIRES
95 [3.74]
LP1020
10 [0.39]
(2X)
25 [0.98]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com