Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1040CC Datasheet(PDF) 1 Page - Marl International Limited

Part # LP1040CC
Description  Switch-Mode LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

LP1040CC Datasheet(HTML) 1 Page - Marl International Limited

  LP1040CC Datasheet HTML 1Page - Marl International Limited LP1040CC Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INDUSTRIES CORP. 5625-A S. Arville, Las Vegas, NV 89118 Tel:702-364-9998 Fax: 702-364-1562 www.magtechind.com Anz094i
LED Driver
Product
Specifications
ANZ#: Z094i, October 9, 2008
LP1040-xx Series
Switch-Mode LED Driver
Total Power
40 Watts
Input Voltages
90 ~ 264VAC, 277VAC
Number of Outputs
One
SPECIAL FEATURES
ELECTRICAL SPECIFICATIONS
• UL1310, Class 2 and UL48 compliant
• Single output, ranged from 10V up to 36VDC
• IP66 compliant
• Suitable for dry and damp locations
• Designed for outdoor or indoor applications
• Suitable in standard electrical junction boxes
• Compact, lightweight
• Active PFC reduces power consumption
Input range
Frequency
Power Factor
Crest Factor
Inrush current
Input current
Efficiency
EMI filtering
Maximum power
Current Accuracy
Load regulation
Leakage Current
Hold up time
Protection
90 ~ 264 VAC, 277VAC (optional)
47 to 63 Hz
> 0.90 at full load, 115VAC
1.5 max.
30.0 Amps maximum at 230VAC, cold start, 25º C
0.50 Amps maximum at 115VAC
85% typical at maximum load
47CFR, Part 2, Part 15 and Cispr PUB, 22 Class B
40W
±1% (when applicable)
±3%
N/A
300uA typ. half cycle minimum at 120 VAC and 80%
of rated load
Over-voltage, Over current and Short circuit
protection: Auto-recovery
ENVIRONMENTAL
Operating temperature:
-30 to 60 º C
(De-rating : 1% per º C from 60~70ºC )
Storage temperature:
-40 to 85 º C
Humidity (Non-Condensing):
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 50 Hz
MTBF:
>100,000 Hours at full load and 25ºC
ambient conditions (MIL-217F)
EMC :
Compliant to 47CFR, Part 2, Part15 and
Cispr PUB, 22 Class B
SAFETY
UL
UL1310, Class 2 and UL879 recognized
cUL
UL1310, Class 2 and UL879 recognized
CE
Certified
Model Number
Constant Voltage Mode
Model Number
Constant Current Mode
Output
Output
V (DC)
A (mA)
Watts
V (DC)
mA (max.)
Watts
LP1040-36
36, ±5%
111 - 1100
40
LP1040-36-Cxxxx
18~ 36
1110, ±5%
40
LP1040-24
24, ±5%
167 - 1670
40
LP1040-24-Cxxxx
12~ 24
1670, ±5%
40
LP1040-22
22, ±5%
182 - 1820
40
LP1040-22-Cxxxx
12 ~ 22
1820, ±5%
40
LP1040-18
18, ±5%
222 - 2220
40
LP1040-18-Cxxxx
9 ~ 18
2200, ±5%
40
LP1040-15
15, ±5%
268 - 2680
40
LP1040-15-Cxxxx
9 ~ 15
2680, ±5%
40
LP1040-13
13, ±5%
308 - 3080
40
LP1040-13-Cxxxx
7 ~ 13
3080, ±5%
40
LP1040-12
12, ±5%
333 - 3330
40
LP1040-12-Cxxxx
7 ~ 12
3330, ±5%
40
LP1040-10
10, ±5%
400 - 4000
40
LP1040-10-Cxxxx
6 ~ 10
4000, ±5%
40
LP1040-09
9, ±5%
445 - 4450
40
LP1040-09-Cxxxx
6 ~ 9
4450, ±5%
40
LP1040-09
5, ±5%
445 - 4450
Note: The output current of Constant Current models are
adjustable at factory from 50% ~ 100%.
RECOMMEND APPLICATION SCHEMATICS
LP1040
40W, 24VDC
This configuration is based on LED with the following parameters:
V : 3.0V ~ 3.5V
I : 300mA ~ 350mA
A. I : 300mA ~ 350mA
Recommended value for R is 20 ohm, 3W
R
R
R
R


Similar Part No. - LP1040CC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP1040CC ETC1-LP1040CC Datasheet
58Kb / 2P
Switch-Mode LED Driver
logo
Marl International Limi...
LP1040CC MARL-LP1040CC_15 Datasheet
58Kb / 2P
Switch-Mode LED Driver
More results

Similar Description - LP1040CC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP1020CC ETC1-LP1020CC Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP1020CV ETC1-LP1020CV Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP4240-12-YZ-E ETC1-LP4240-12-YZ-E Datasheet
54Kb / 2P
Switch-Mode LED Driver
logo
Marl International Limi...
LP1020CV MARL-LP1020CV Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP1025 MARL-LP1025 Datasheet
65Kb / 1P
Switch-Mode LED Driver
LP1090-36-YZ-E MARL-LP1090-36-YZ-E Datasheet
162Kb / 2P
Switch-Mode LED Driver
LP1240-12-YZ MARL-LP1240-12-YZ Datasheet
49Kb / 2P
Switch-Mode LED Driver
LP1020CC MARL-LP1020CC_15 Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP1020CV MARL-LP1020CV_15 Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP1025 MARL-LP1025_15 Datasheet
65Kb / 1P
Switch-Mode LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com