Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C7884 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C7884
Description  Driver circuit for NMOS linear image sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7884 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C7884 Datasheet HTML 1Page - Hamamatsu Corporation C7884 Datasheet HTML 2Page - Hamamatsu Corporation C7884 Datasheet HTML 3Page - Hamamatsu Corporation C7884 Datasheet HTML 4Page - Hamamatsu Corporation C7884 Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Driver circuit for NMOS linear image sensor
C7884 series
MASTER CLOCK CLK
MASTER START Start
START
st
CLOCK
1
CLOCK
2
RESET
CLAMP
Trigger
VIDEO OUTPUT Data Video
END OF SCAN EOS
I Timing chart
KACCC0119EA
I Specifications (Ta=25 °C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Positive power supply
+Vs
+11.5
+12.0
+15.5
V
Supply
voltage
Negative power supply
-Vs
+11.5
+12.0
+15.5
V
P ositive po w er s upply
+Is
+12 V
-
30
40
mA
C7884
N egativ e pow er supply
-Is
-12 V
-
10
20
mA
P ositive po w er s upply
+Is
+12 V
-
60
80
mA
C7884G
N egativ e pow er supply
-Is
-12 V
-
10
20
mA
P ositive po w er s upply
+Is
+12 V
-
20
30
mA
C7884-01
N egativ e pow er supply
-Is
-12 V
-
10
20
mA
P ositive po w er s upply
+Is
+12 V
-
45
60
mA
C 7884 G-01
N egativ e pow er supply
-Is
-12 V
-
10
20
mA
P ositive po w er s upply
+Is
+12 V
-
30
40
mA
C7884-20
N egativ e pow er supply
-Is
-12 V
-
10
20
mA
P ositive po w er s upply
+Is
+12 V
-
20
30
mA
Current
consu mption
C7884-21
N egativ e pow er supply
-Is
-12 V
-
10
20
mA
S3902/S3903 series,
master clock frequency: 4 MHz
--
1
MHz
C7884
C7884-20
-
S3901/S3904 series,
master clock frequency: 2 MHz
-
-
500
kHz
Operation frequency
C7884-01
C7884-21
-
master clock frequency: 250 kHz
-
-
62.5
kHz
Gain
G
0.3
V/pC
Operating temperature
Topr
0 to +50 *
°C
Storage temperature
Tstg
-10 to +60 *
°C
* No condensation
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com