Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRC60 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IRC60
Description  compact type metal clad wire wound resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IRC60 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IRC60 Datasheet HTML 1Page - List of Unclassifed Manufacturers IRC60 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - IRC60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC630 IRF-IRC630 Datasheet
229Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRC630PBF IRF-IRC630PBF Datasheet
1Mb / 9P
HEXFET POWER MOSFET
IRC634 IRF-IRC634 Datasheet
228Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
IRC634PRF IRF-IRC634PRF Datasheet
1Mb / 9P
HEXFET Power MOSFET
IRC640 IRF-IRC640 Datasheet
228Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
More results

Similar Description - IRC60

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
IRV1600 RHOPOINT-IRV1600 Datasheet
136Kb / 2P
HIGH POWER, WIRE WOUND, METAL CLAD RESISTORS
logo
RFE international
HM2A80W-10R-J-250 RFE-HM2A80W-10R-J-250 Datasheet
120Kb / 2P
HIGH POWER WIRE WOUND RESISTOR HM Series: Metal-Clad, High Wattage
logo
List of Unclassifed Man...
BSR200W10KGO ETC-BSR200W10KGO Datasheet
353Kb / 1P
Slide-Type Wire-Wound Power Resistors
IRH60 ETC-IRH60 Datasheet
1Mb / 2P
METAL CLAD WIRE WOUND RESISTOR
IRV600 ETC-IRV600 Datasheet
1Mb / 2P
Metal Clad Wire Wound Resistors
RH-5E ETC-RH-5E Datasheet
1Mb / 2P
PRECISION TYPE METAL CLAD RESISTORS
IRM1600 ETC-IRM1600 Datasheet
849Kb / 2P
METAL CLAD WIRE WOUND RESISTOR
IRN50 ETC-IRN50 Datasheet
1Mb / 2P
FLAT TYPE CLAD WIRE WOUND RESISTORS
IRS30 ETC-IRS30 Datasheet
716Kb / 1P
SLIM TYPE METAL CLAD WIRE WOUND RESISTROS
logo
Ohmite Mfg. Co.
SHUNT-SH OHMITE-SHUNT-SH Datasheet
343Kb / 2P
Precision metal clad resistors designed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com