Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Model Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # Model
Description  High Voltage Metal Film Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

Model Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  Model Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel : 82-32-817-4325
Resistors And
Fax : 82-32-817-4329
Resistive Applications
Website : http://www.raraohm.com Email : sg@raraohm.com
RPW
High Voltage Metal Film Resistors
■
FEATURES
- High voltage radial leaded, through-hole 1W rating and 5% tolerance.
- E6 resistance values are available.
- Long life, high performance thick film resistors, applied to general uses for
industrial circuits with sufficient power derating.
- Long term stability, wide operating temperature range and low failure rate.
■
APPLICATIONS
- industrial electronics applications as industrial machine
- Industrial measurements
- Automatic testing
- Medical electronics system
■
GENERAL SPECIFICATIONS
Model
Power Rating
Max. Applied Voltage
RPW14
RPW15
RPW16
RPW17
RPW18
1W
10kV
■
DEMENSIONS (mm)
Model
A
B
C
D(Leads)
E
F
RPW14
12.6±1.5
9.0
±1.0
2.5
±0.8
0.5(x0.25)
3.3
±0.5
10.16±0.3
RPW15
15.1±1.5
12.70±0.3
RPW16
17.6±1.5
15.24±0.3
RPW17
20.2±1.5
17.78±0.3
RPW18
22.7±1.5
20.32±0.3
■
CHARACTERISTICS
Resistance Value
500Ω - 100MΩ
Resistance
E6
Temp. Coefficient (TCR)
About 100ppm/K
Tolerance
5.0%(J), 10%(K), 20%(M)
Rated Ambient Temp.
-55 - +70 deg C
Operationg Temp. Range
-55 - +155 deg C
Storage Temp. Range
-55 - +155 deg C
Max Applied Voltage
10kV
■
DERATING CURVE
■
ODERING PROCUDURE EXAPLE


Similar Part No. - Model

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MODEL AD-MODEL Datasheet
837Kb / 20P
Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
7/04-Data Sheet Changed from Rev. E to Rev. F
logo
Banner Engineering Corp...
MODEL-2450 BANNER-MODEL-2450 Datasheet
251Kb / 4P
Q130RA Sensor
MODEL-9076 BANNER-MODEL-9076 Datasheet
251Kb / 4P
Q130RA Sensor
logo
Analog Devices
Model1 AD-Model1 Datasheet
701Kb / 21P
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. E
logo
Vishay Siliconix
MODEL100 VISHAY-MODEL100 Datasheet
289Kb / 4P
1 5/16 (33.3 mm) Single Turn Wirewound Precision Potentiometer
28-Jun-07
More results

Similar Description - Model

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
Metal Film Resistors
MH25 WELWYN-MH25 Datasheet
88Kb / 2P
High Voltage Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
METAL FILM RESISTORS
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
Metal Film Resistors
logo
Riedon Powertron
MGM55 RIEDON-MGM55 Datasheet
231Kb / 2P
High Voltage Metal Glaze Film Resistors
logo
Vishay Siliconix
HVR3700001204JR500 VISHAY-HVR3700001204JR500 Datasheet
159Kb / 7P
High Ohmic/High Voltage Metal Film Leaded Resistors
02-Dec-09
HVR3700003304JA100 VISHAY-HVR3700003304JA100 Datasheet
159Kb / 7P
High Ohmic/High Voltage Metal Film Leaded Resistors
02-Dec-09
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
Metal film resistors
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com