Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRP186 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PRP186
Description  SINGLE-TURN ROTARY POTENTIOMETERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PRP186 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PRP186 Datasheet HTML 1Page - List of Unclassifed Manufacturers PRP186 Datasheet HTML 2Page - List of Unclassifed Manufacturers PRP186 Datasheet HTML 3Page - List of Unclassifed Manufacturers PRP186 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Tel: 82-32-817-4325
Resistors And
Fax: 82-32-817-4329
Resistive Applications
Web: http://www.raraohm.com
Email: sg@raraohm.com
Date: 2012-12-12
Copyright©RARA Electronics Corp.
Mechanical Data
Table 2
Type of
potentiomete
r
Single
Tandem
Switch Tap
Material of
spindle
Spindle
Diameter
(mm)
Typical
Length of
spindle
End of
spindle
Bush
M...x../
length (mm)
Pins/
assembly
PR 185
Single
No
No
Metal
6
16; 20; 25; 40
P1; P3;
P5; P6
M7x0.75/6
Dir. assemb.
PRP 185
No
PCB
PRT 185
Yes
Dir. assemb.
PRPT 185
Yes
PCB
PR 185 s56
Yes
No
Dir. assemb.
PRT 185 s56
Yes
Dir. assemb.
PR 186
No
No
4
8; 10; 12.5; 16;
20; 25; 32; 40;
P1; P3;
P5.1;
P5.2
M7x0.75/6.5
Dir. assemb.
PRP 186
No
PCB
PRT 186
Yes
Dir. assemb.
PRPT 186
Yes
PCB
PR 1862
No
Plastic
12; 20; 25
P5
Dir. assemb
PRT 1862
Yes
Dir. assemb
PR 186 S56
Yes
No
Metal
8; 10; 2.5;16;
20; 25; 32;
P1; P3;
Dir. assemb
PRT 186 S56
Yes
Dir. assemb
PR 18 G
Tandem
No
No
6
16; 20; 25; 32;
40
P5; P6
M7x0.75/6;
16
PCB
PRP 18 G
No
Dir. assemb
PRT 183 G
Yes
PCB
PRPT 183 G
Yes
Dir. assemb
Resistance Laws:
Fig. 1. Resistance laws: A - linear; B-logarithmic, C-reverse logarithmic.
Fig. 2. Derating curve versus ambient temperature.
Derating curve: Potentiometers are derated from 100% rated dissipation at 40oC to 25%
rated dissipation at 70oC.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com