Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SP
Description  CARBON FILM SINGLE TURN POTENTIOMETERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SP Datasheet HTML 1Page - List of Unclassifed Manufacturers SP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 82-32-817-4325
Resistors And
Fax: 82-32-817-4329
Resistive Applications
Web: http://www.raraohm.com
Email: sg@raraohm.com
Date: 2012-04-25
Copyright©RARA Electronics Corp.
SP
CARBON FILM SINGLE TURN
POTENTIOMETERS
Description
SP1.2 series potentiometers are designed for use in special equipment such as DC or AC current circuits. SP1.2
series potentiometers can work in ambient temperature ranges from -65oC to +100oC, relative humidity of 95 - 98
%, in an ambient temperature up to +40oC and barometric pressure of 6.7 - 1040 hPa (5-780 mmHg).
Quick Reference Data
Mechanical Angle
255°±5°
Mechanical Angle – electrical angle (different)
Max. 30°
Runing Torque (whole range within)
2 ÷ 6 Ncm
IP rating
IP 54
Dielectric Withstanding Voltage
Min. 1000V AC
Rotational Life
15000 rotations
Anti Rotation Lug (or similar)
2 pins
Rohs 2 Compliant
Compliant
Shaft Diameter
6 mm
Shaft Length (from mounting surface to top)
16mm; 20mm; 25mm
Bushing Length
≤ 9mm
Terminals
Solder lugs
Resistance
10Kohms (E6 series)
Taper Type
Linear - A
Total Resistance Tolerance
±10% - on request
Independent Linearity
±5%
Contact Resistance Variation
Not defined
Insulation Resistance
1Gohms min.
Power Rating At 70°C (Derate to 0 at 125°C)
Min 1W
Operating Temperature Range
-65°C to +100°C
Relative Humidity
95 ÷ 98%
Stop Strength
≥ 50Ncm


Similar Description - SP

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CFS1 KOA-CFS1 Datasheet
986Kb / 2P
CARBON FILM
4C335J KOA-4C335J Datasheet
986Kb / 2P
CARBON FILM
logo
List of Unclassifed Man...
PR16 ETC-PR16 Datasheet
185Kb / 4P
SINGLE-TURN ROTARY POTENTIOMETERS
PR18 ETC-PR18 Datasheet
196Kb / 4P
SINGLE-TURN ROTARY POTENTIOMETERS
PR24 ETC-PR24 Datasheet
107Kb / 3P
SINGLE-TURN ROTARY POTENTIOMETERS
logo
Dubilier
DCR DUBILIER-DCR Datasheet
260Kb / 2P
CARBON FILM
logo
Vatronics Technologies ...
3323 VATRONICS-3323 Datasheet
99Kb / 3P
6mm Square Single-Turn Trimmer Potentiometers
3329 VATRONICS-3329 Datasheet
62Kb / 2P
Round Single-Turn Trimmer Potentiometers
3362 VATRONICS-3362 Datasheet
83Kb / 3P
6mm Square Single-Turn Trimmer Potentiometers
3386 VATRONICS-3386 Datasheet
79Kb / 3P
9mm Square Single-Turn Trimmer Potentiometers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com