Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRP18G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PRP18G
Description  SINGLE-TURN ROTARY POTENTIOMETERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PRP18G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PRP18G Datasheet HTML 1Page - List of Unclassifed Manufacturers PRP18G Datasheet HTML 2Page - List of Unclassifed Manufacturers PRP18G Datasheet HTML 3Page - List of Unclassifed Manufacturers PRP18G Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: 82-32-817-4325
Resistors And
Fax: 82-32-817-4329
Resistive Applications
Web: http://www.raraohm.com
Email: sg@raraohm.com
Date: 2012-12-12
Copyright©RARA Electronics Corp.
PR18
SINGLE-TURN ROTARY
POTENTIOMETERS
Description
The PR 18... single-turn, housed in a metal case, rotary carbon control potentiometers. It comprises a carbon
resistive track fitted on a resin modified paper base. Base diameter of potentiometers is 18 mm. Resistance track
can be linear-A, logarithmic-B, inverse logarithmic-C. Potentiometers are made single or tandem, with plastic or
metallic spindle. Terminals are designed for the PCB or soldering pins.
Applications
Potentiometers are widely used in electronic audio-video equipment, electric domestic equipment and outer control
elements.
Quick Reference Data
Parameter
Value
Rated resistance R
N
According E3- series (1 - 2,2 - 4,7 - 10 etc.)
Resistance range:A low (linear)
(ohms)
B low (logarithmic)
(ohms)
C low (inverse logarithmic) (ohms)
120 ÷ 2,2M
1k ÷ 1M
1k ÷ 1M
Tolerance of resistance
(%)
±5% on RN less or = 470kohms on request
±10% on RN less or = 470kohms on request
±20% on RN less or = 220kohms on request
±30% on RN more than 220kohms on request
Maximum dissipation PN at Tamb= 40oC:
A low
(W)
B low
(W)
C low
(W)
0.2
0.1
0.1
Maximum limit voltage : A low
(V)
B low
(V)
C low
(V)
200
200
200
Total mechanical angle of rotation
(
o)
300
± 5
Synchronous characteristic:
(dB) (only for tandem potencjometers G)
- for linear A at values between 10 and 90 % of RTotal
- for logarithmic B at attenuation range 0 ÷ 40dB
≤2
≤4
Maximum dissipation at category temperature
25% PN
Switch data: voltage/current
120 V / 1 AAC or 16 V / 2 ADC
Climatic category
25/070/10
Marking
Marking on metal case: producer "TELPOD"; rated resistance; month and year of production.
Ordering example:
Please order by an example: We need potentiometer 18 mm; with switch; single; 47kW; linear A low; diameter
of spindle 6 mm, long 25 mm; end type of spindle P-6; for mounting on printed circuit board:
Potentiometer PRP 185 s56 47kohm A 25 P6
Packing
The potentiometers can be supplied in bulk packing in a plastic bags and in a carton box.


Similar Part No. - PRP18G

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
PRP MSYSTEM-PRP Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2 MSYSTEM-PRP-2 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2-16-K3 MSYSTEM-PRP-2-16-K3 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2-16-K3 MSYSTEM-PRP-2-16-K3 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2-16-L3 MSYSTEM-PRP-2-16-L3 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
More results

Similar Description - PRP18G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVJ-Y96F03B54 PANASONIC-EVJ-Y96F03B54 Datasheet
171Kb / 5P
Rotary Potentiometers/EVJC/EVJY
logo
List of Unclassifed Man...
PR16 ETC-PR16 Datasheet
185Kb / 4P
SINGLE-TURN ROTARY POTENTIOMETERS
PR24 ETC-PR24 Datasheet
107Kb / 3P
SINGLE-TURN ROTARY POTENTIOMETERS
SP ETC-SP Datasheet
91Kb / 2P
CARBON FILM SINGLE TURN POTENTIOMETERS
logo
Ohmite Mfg. Co.
CPM OHMITE-CPM Datasheet
371Kb / 2P
Precision Multi-Turn Potentiometers
logo
Vatronics Technologies ...
3006 VATRONICS-3006 Datasheet
66Kb / 2P
Rectangular Multi-Turn Trimmer Potentiometers
3323 VATRONICS-3323 Datasheet
99Kb / 3P
6mm Square Single-Turn Trimmer Potentiometers
3329 VATRONICS-3329 Datasheet
62Kb / 2P
Round Single-Turn Trimmer Potentiometers
3362 VATRONICS-3362 Datasheet
83Kb / 3P
6mm Square Single-Turn Trimmer Potentiometers
3386 VATRONICS-3386 Datasheet
79Kb / 3P
9mm Square Single-Turn Trimmer Potentiometers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com