Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMA64 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GMA64
Description  P N P E P I TA X I A L P L A N A R T R A N S I S TO R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GMA64 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GMA64 Datasheet HTML 1Page - E-Tech Electronics LTD GMA64 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GMA64
1/2
ISSUED DATE :2005/04/04
REVISED DATE :
G
G M
M A
A6644
P
P N
N P
P E
E P
P II T
T A
A X
X II A
A LL P
P LL A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GMA64 is a darlington amplifier transistor designed for application requiring extremely high current gain.
Features
&High DC current gain
&Complementary with GMA14
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5 q TYP.
M
0.70 REF.
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature Range
TsTG
-55 ~ +150
Collector to Base Voltage
VCBO
-30
V
Collector to Emitter Voltage
VCES
-30
V
Emitter to Base Voltage
VEBO
-10
V
Collect Current(DC)
IC
-500
mA
Total Power Dissipation
PD
1
W
Electrical Characteristics(Ta = 25 : )
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-30
-
-
V
IC=-100uA, IE=0
BVCES
-30
-
-
V
IC=-100uA, IB=0
BVEBO
-10
-
-
V
IE=-10uA, IC=0
ICBO
-
-
-100
nA
VCB=-30V, IE=0
IEBO
-
-
-100
Na
VEB=-10V, IC=0
*VCE(sat)1
-
-
-1.5
V
IC=-100mA, IB=-0.1mA
*VBE(on)
-
-
-2.0
V
IC=-100mA, VCE=-5V
*hFE1
10
-
-
K
VCE=-5V, IC=-10mA
*hFE2
20
-
-
K
VCE=-5V, IC=-100mA
ft
125
-
-
MHz
VCE=-5V, IC=-10mA, f=100MHz
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%
SOT-89


Similar Part No. - GMA64

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GMA64 GTM-GMA64 Datasheet
224Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - GMA64

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GL3904 ETL-GL3904 Datasheet
192Kb / 2P
N P N E P I TA X I A L P L A N A R T R A N S I S TO R
GLA94 ETL-GLA94 Datasheet
177Kb / 2P
P N P E P I TA X I A L P L A N A R T R A N S I S TO R
GM649A ETL-GM649A Datasheet
482Kb / 2P
P N P E P I TA X I A L P L A N A R T R A N S I S TO R
GM669A ETL-GM669A Datasheet
232Kb / 2P
N P N E P I TA X I A L P L A N A R T R A N S I S TO R
GM1426 ETL-GM1426 Datasheet
179Kb / 2P
P N P E P I TA X I A L P L A N A R T R A N S I S T O R
GM3669 ETL-GM3669 Datasheet
150Kb / 2P
N P N E P I TA X I A L P L A N A R T R A N S I S TO R
GMA94 ETL-GMA94 Datasheet
234Kb / 2P
P N P E P I TA X I A L P L A N A R T R A N S I S TO R
GSD882SS ETL-GSD882SS Datasheet
227Kb / 3P
N P N E P I TA X I A L P L A N A R T R A N S I S TO R
GSD1616A ETL-GSD1616A Datasheet
204Kb / 3P
N P N E P I TA X I A L P L A N A R T R A N S I S TO R
GSMBT2907A ETL-GSMBT2907A Datasheet
149Kb / 2P
P N P E P I TA X I A L P L A N A R T R A N S I S T O R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com