Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6584 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # F6584
Description  WIDE DYNAMIC RANGE MICROCHANNEL PLATES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

F6584 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  F6584 Datasheet HTML 1Page - Hamamatsu Corporation F6584 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WIDE DYNAMIC RANGE MICROCHANNEL PLATES F6584 SERIES
HAMAMATSU PHOTONICS K.K., Electron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: Lough Point, 2 Gladbeck Way, Windmill Hill, Enfield, Middlesex EN2 7JA, United Kingdom, Telephone: (44)181-367-3560, Fax: (44)181-367-6384
North Europe: Hamamatsu Photonics Norden AB: Färögatan 7, S-164-40 Kista, Sweden, Telephone: (46)8-703-29-50, Fax: (46)8-750-58-95
Italy: Hamamatsu Photonics Italia S.R.L.: Via Della Moia, 1/E 20020 Arese, (Milano), Italy, Telephone: (39)2-935 81 733, Fax: (39)2-935 81 741
TMCP1012E04
MAR. 1998. SI (9603)
Printed in Japan (500)
150
100
50
0
10-8
10-7
10-6
10-5
10-4
OUTPUT CURRENT [A]
STANDARD MCP
R=550 M
Ω
VMCP=800 V
WIDE DYNAMIC RANGE MCP
R=10.8 M
Ω
VMCP=800 V
108
10-8
10-7
10-6
10-5
10-4
OUTPUT CHARGE (C/s)
107
106
105
104
F6584 WIDE DYNAMIC RANGE MCP
RESISTANCE : 22.4 M
Ω/ 2 STAGE MCP
GAIN : 8
×106
STANDARD MCP
RESISTANCE :
400 M
Ω/ 2 STAGE MCP
GAIN : 5
×106
Figure 2: MCP Saturation Characteristics (D.C. MODE)
Figure 3: MCP Saturation Characteristics
(COUNTING MODE)
Figure 4: MCP Dimensional Outline (Unit : mm)
INDICATOR*
T
θ
INPUT SIDE
EFFECTIVE
AREA
ELECTRODE
*This indicator shows the MCP input side and the direction of channel bias.
T
0.48
F6584-01
0.43
F6584-09
θ : Bias Angle
PRECAUTIONS FOR USE
q Avoid touching the MCP or MCP assem-
bly with bare hands.
q Handle the MCP only in a clean room
since dust and humidity may adversely
affect MCP characteristics.
q The MCP should be operated in vacuum
below 1.33 x 10 -4 Pa(1
× 10 -6 torr).
q The MCP should be kept in vacuum or dry
nitrogen gas atmosphere during long
periods of storage.
q When outgassing from the MCP occurs,
baking the MCP at 400°C maximum in a
vacuum system is recommended. In ad-
dition electron bombarding may be effec-
tive.
TMCPB0041EB
TMCPB0042EC
TMCPA0030EB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com