Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K300113 Datasheet(PDF) 1 Page - E-SWITCH

Part # K300113
Description  HOUSING: ZINC ALLOY DIE CAST W/ CHROME PLATING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

K300113 Datasheet(HTML) 1 Page - E-SWITCH

  K300113 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
K0104A10004
2:1
9/26/2006
K300113
B
TN
1
1
RECOMMENDED PANEL CUTOUT
SWITCH FUNCTION
POS 1
POS 2
ON
ON
CIRCUT: SPDT
CONTACT CONFIGURATION
90
~ INDEXING
POS 1
POS 2
LEGEND
.
= INDICATES KEY PULL POSSIBLE
.
= INDICATES DETENT POSITION
TERM 1-2 TERM 3-4
14.20
[.559 in]
R8.00
[.315 in]
5.00
[.197 in]
90.0°
POS 1
POS 2
M16x1.0
A
16477
NEW PART RELEASE
9/26/2006
TN
NOTES:
1. ALL DIMENSIONS IN MM[INCH]
2. GENERAL TOLERANCE: x.x=
`0.4
x.xx=
`0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 3A @125VAC, 1.5A @250VAC
5. CONTACT RESISTANCE: 20milli-OHMS MAX
6. DIELECTRIC STRENGTH: 1500 Vrms
7. INSULATION RESISTANCE: 200 MEGA-OHMS MIN.
8. MATERIALS:
HOUSING: ZINC ALLOY DIE CAST W/ CHROME PLATING
CYLINDER: ZINC ALLOY DIE CAST W/CHROME PLATING
TERMINAL AND CONTACTS: SILVER PLATED
KEYS (2) KEY CODE 10004: TUBULAR ZINC ALLOY, CHROME PLATING
W/PLASTIC COVER
12.50
[.492 in]
19.00
[.748 in]
n
35.00
[1.378 in]
5.00
[.197 in]
8.50
[.335 in]
n
38.00
[1.496 in]
19.20
[.756 in]
HEX NUT
14.00
[.551 in]
n
1
2
3
4
B
16496
FIXED SWITCH FUNCTION TO ON-ON
9/28/2006
TN


Similar Part No. - K300113

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
K300110 E-SWITCH-K300110 Datasheet
67Kb / 1P
ZINC ALLOY DIE CAST
K300111 E-SWITCH-K300111 Datasheet
147Kb / 1P
HOUSING: ZINC ALLOY DIE CAST W/ CHROME PLATING
K300112 E-SWITCH-K300112 Datasheet
147Kb / 1P
HOUSING: ZINC ALLOY DIE CAST W/ CHROME PLATING
K300114 E-SWITCH-K300114 Datasheet
147Kb / 1P
HOUSING: ZINC ALLOY DIE CAST W/ CHROME PLATING
More results

Similar Description - K300113

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
K300111 E-SWITCH-K300111 Datasheet
147Kb / 1P
HOUSING: ZINC ALLOY DIE CAST W/ CHROME PLATING
K300112 E-SWITCH-K300112 Datasheet
147Kb / 1P
HOUSING: ZINC ALLOY DIE CAST W/ CHROME PLATING
K300114 E-SWITCH-K300114 Datasheet
147Kb / 1P
HOUSING: ZINC ALLOY DIE CAST W/ CHROME PLATING
K400101 E-SWITCH-K400101 Datasheet
83Kb / 1P
ZINC ALLOY DIE CAST
K400102 E-SWITCH-K400102 Datasheet
90Kb / 1P
HOUSING: ZINC ALLOY W/CHROME PLATING
K400103 E-SWITCH-K400103 Datasheet
93Kb / 1P
HOUSING: ZINC ALLOY W/CHROME PLATING
K400104 E-SWITCH-K400104 Datasheet
94Kb / 1P
HOUSING: ZINC ALLOY W/CHROME PLATING
K400114 E-SWITCH-K400114 Datasheet
150Kb / 1P
HOUSING: ZINC ALLOY W/CHROME PLATING
K400121 E-SWITCH-K400121 Datasheet
136Kb / 1P
HOUSING: ZINC ALLOY W/CHROME PLATING
K400124 E-SWITCH-K400124 Datasheet
252Kb / 1P
HOUSING: ZINC ALLOY W/CHROME PLATING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com