Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV42 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # BUV42
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BUV42 Datasheet(HTML) 2 Page - Savantic, Inc.

  BUV42 Datasheet HTML 1Page - Savantic, Inc. BUV42 Datasheet HTML 2Page - Savantic, Inc. BUV42 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BUV42
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.2A ; L=25mH
250
V
V(BR)EBO
Emitter-base breakdown voltage
IE=50mA; IC=0
7
V
VCEsat-1
Collector-emitter saturation voltage
IC=2A; IB=0.13A
Tj=100
0.8
0.9
V
VCEsat-2
Collector-emitter saturation voltage
IC=4A; IB=0.4A
Tj=100
0.9
1.2
V
VCEsat-3
Collector-emitter saturation voltage
IC=6A; IB=0.75A
Tj=100
1.2
1.5
V
VBEsat-1
Base-emitter saturation voltage
IC=4A; IB=0.4A
Tj=100
1.3
V
VBEsat-2
Base-emitter saturation voltage
IC=6A; IB=0.75A
Tj=100
1.5
V
ICEV
Collector cut-off current
VCE=VCEV; VBE=-1.5V
TC=100
0.5
2.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1
mA
Switching times resistive load
tr
Rise time
0.3
0.4
µs
ts
Storage time
1.0
1.6
µs
tf
Fall time
IC=6A ;IB1=0.75A
RB2=3.3@; VCC=200V
VBB=-5V; Tp=30µs
0.15
0.3
µs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com