Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8421 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # G8421
Description  InGaAs PIN photodiode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G8421 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  G8421 Datasheet HTML 1Page - Hamamatsu Corporation G8421 Datasheet HTML 2Page - Hamamatsu Corporation G8421 Datasheet HTML 3Page - Hamamatsu Corporation G8421 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
InGaAs PIN photodiode
G8421/G8371/G5851 series
WAVELENGTH (µm)
(Typ.)
1.4
1.2
1.0
0.8
0
0.2
0.4
1.4
1.2
1.0
0.8
0.6
1.6
1.8
2.2
2.0
T= -10 ˚C
T= -20 ˚C
T=25 ˚C
1
0.8
1.6
2
2.2
2.6
WAVELENGTH (µm)
-1
(Typ.)
1.2
1.4
1.8
2.4
0
1
2
0.01
0.1
1
10
REVERSE VOLTAGE (V)
1 nA
10 nA
100 nA
1
µA
10
µA
(Typ. Ta=25 ˚C)
G8371-03
G8371-01
G8421-03
G8421-05
0.01
0.1
1
10
REVERSE VOLTAGE (V)
100 pA
(Typ.)
1 nA
10 nA
100 nA
1
µA
G5851-13 (T= -10 ˚C)
G5851-23 (T= -20 ˚C)
G5851-11 (T= -10 ˚C)
G5851-103 (T= -10 ˚C)
G5851-203 (T= -20 ˚C)
G5851-21
(T= -20 ˚C)
0.1
1
10
REVERSE VOLTAGE (V)
1 pF
(Typ. Ta=25 ˚C, f=1 MHz)
100 pF
10 nF
10 pF
1 nF
G8371-03
G5851-13/-23
G8371-01
G5851-11/-21
G8421-05
G8421-03
G5851-103/-203
1 M
Ω
-40
-20
0
40
60
100 k
Ω
1 k
Ω
100
Ω
10 k
Ω
10 M
Ω
(Typ. VR=10 mV)
20
80
90
100
ELEMENT TEMPERATURE (˚C)
G8371-03
G5851-13/-23
G8421-05
G8421-03
G5851-103/-203
G8371-01
G5851-11/-21
I Spectral response
KIRDB0221EA
I Photo sensitivity temperature characteristic
KIRDB0208EA
I Dark current vs. reverse voltage
I Terminal capacitance vs. reverse voltage
KIRDB0233EA
I Shunt resistance vs. element temperature
KIRDB0234EA
Non-cooled type
TE-cooled type
KIRDB0232E
B
KIRDB0223EA
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com