Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP50 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # TIP50
Description  Silicon NPN Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

TIP50 Datasheet(HTML) 2 Page - Savantic, Inc.

  TIP50 Datasheet HTML 1Page - Savantic, Inc. TIP50 Datasheet HTML 2Page - Savantic, Inc. TIP50 Datasheet HTML 3Page - Savantic, Inc. TIP50 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
TIP47/48/49/50
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
TIP47
250
TIP48
300
TIP49
350
VCEO(SUS)
Collector-emitter
sustaining voltage
TIP50
IC=30mA; IB=0
400
V
VCE(sat)
Collector-emitter saturation voltage
IC=1A ;IB=0.2A
1.0
V
VBE
Base-emitter on voltage
IC=1A ; VCE=10V
1.5
V
TIP47
VCE=350V; VBE=0
TIP48
VCE=400V; VBE=0
TIP49
VCE=450V; VBE=0
ICEX
Collector cut-off current
TIP50
VCE=500V; VBE=0
1
mA
TIP47
VCE=150V; IB=0
TIP48
VCE=200V; IB=0
TIP49
VCE=250V; IB=0
ICEO
Collector cut-off current
TIP50
VCE=300V; IB=0
1
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1
mA
hFE-1
DC current gain
IC=0.3A ; VCE=10V
30
150
hFE-2
DC current gain
IC=1A ; VCE=10V
10
fT
Transition frequency
IC=0.2A ; VCE=10V
10
MHz
Switching times
ton
Turn-on time
0.5
tstg
Storage time
3.0
tf
Fall time
VCC=400V;
5IB1 = -2.5IB2 = IC = 6A
RL = 66.7C
0.3
µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com