Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP131 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # TIP131
Description  Silicon NPN Darlington Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

TIP131 Datasheet(HTML) 2 Page - Savantic, Inc.

  TIP131 Datasheet HTML 1Page - Savantic, Inc. TIP131 Datasheet HTML 2Page - Savantic, Inc. TIP131 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Darlington Power Transistors
TIP130/131/132
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
TIP130
60
TIP131
80
VCEO(SUS)
Collector-emitter
sustaining voltage
TIP132
IC=30mA, IB=0
100
V
VCE(sat)-1
Collector-emitter saturation voltage
IC=4A ,IB=16mA
2.0
V
VCE(sat)-2
Collector-emitter saturation voltage
IC=6A ,IB=30mA
3.0
V
VBE
Base-emitter on voltage
IC=4A ; VCE=4V
2.5
V
TIP130
VCB=60V, IE=0
TIP131
VCB=80V, IE=0
ICBO
Collector cut-off current
TIP132
VCB=100V, IE=0
0.2
mA
TIP130
VCE=30V, IB=0
TIP131
VCE=40V, IB=0
ICEO
Collector cut-off current
TIP132
VCE=50V, IB=0
0.5
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
5.0
mA
hFE-1
DC current gain
IC=1A ; VCE=4V
500
hFE-2
DC current gain
IC=4A ; VCE=4V
1000
15000
COB
Output capacitance
IE=0 ; VCB=10V,f=0.1MHz
250
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com