Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7421 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # H7421
Description  Photo Counting Head
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H7421 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  H7421 Datasheet HTML 1Page - Hamamatsu Corporation H7421 Datasheet HTML 2Page - Hamamatsu Corporation H7421 Datasheet HTML 3Page - Hamamatsu Corporation H7421 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
41
Characteristics (Count sensitivity, Dark count)
Block Diagram
Dimensional Outlines (Unit: mm)
TPHOB0042ED
TPHOB0046EB
TPHOC0042ED
TPHOA0021EC
106
105
104
103
102
300
400
500
600
WAVELENGTH (nm)
700
800
900
1000
H7421-50
H7421-40
510
10
100
1000
15
20
25
AMBIENT TEMPERATURE (
°C)
30
35
40
45
H7421-50 (when used
with C8137, A7423)
H7421-40 (when used wih C8137, A7423)
Photon Counting Heads
FA
D
EB
C
G
4.0
± 0.1
6.4
± 0.2
7.4
± 0.2
14.8
± 0.2
16.3
± 0.2
PHOTOCATHODE
5
WINDOW
PMT
ACROSS SECTION
BCROSS SECTION
CCROSS SECTION
2.0
± 0.2
M3
DEPTH: 4.0 Max.
6.5
± 0.2
M3
DEPTH: 4.0 Max.
9.5
± 0.1
44.0
± 0.2
56.0
± 0.3
16.3
± 0.2
19.0
± 0.2 25.0 ± 0.2
104
± 1
53.6
± 0.2
25.4
± 0.2
M25.4 P = 1/32"
C-MOUNT
4-M3B
4-M2 DEPTH: 2
O-RING GROOVE
(S-28 O-RING INCLUDED)
8-M3CA
PHOTOCATHODE
5
8-M3 DEPTH: 2
POWER INPUT
TAJIMI PRC03-23A10-7M
SIGNAL OUTPUT
BNC-R
TOP VIEW
SIDE VIEW
FRONT VIEW
GUIDE MARK
TAJIMI PRC03-23A10-7M
A: THERMISTOR 1
B: THERMISTOR 2
C: THERMOELECTRIC COOLER +
D: THERMOELECTRIC COOLER –
E: Vcc LOW VOLTAGE
INPUT(+5 V)
F: IC*
G: GND
*IC: Internal Connection (Do not use)
POWER INPUT for
THERMOELECTRIC
COOLER
THERMISTOR
COMPARATOR
LLD.
+5 V
HV POWER SUPPLY
VOLTAGE DIVIDER
CIRCUIT
PMT
GND
+
–
PULSE
SHAPER
OUTPUT
TO
PULSE COUNTER
RL = 50
Ω
POSITIVE
LOGIC
AMP
THERMO-
ELECTRIC
COOLER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com