Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APS2012 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # APS2012
Description  PowerVerter짰 APS 2000W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APS2012 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  APS2012 Datasheet HTML 1Page - List of Unclassifed Manufacturers APS2012 Datasheet HTML 2Page - List of Unclassifed Manufacturers APS2012 Datasheet HTML 3Page - List of Unclassifed Manufacturers APS2012 Datasheet HTML 4Page - List of Unclassifed Manufacturers APS2012 Datasheet HTML 5Page - List of Unclassifed Manufacturers APS2012 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Unit weight (kg)
18.1
Cooling method
Multi-speed fan
Material of construction
Polycarbonate
Style
Heavy-duty with built-in battery charger
Form factors supported
Mounting slots enable permanent placement of inverter on any horizontal surface (see manual for additional
mounting information)
ENVIRONMENTAL
Relative Humidity
0-95% non-condensing
LINE / BATTERY TRANSFER
Transfer time from line power to
battery mode
16.6 milliseconds (typical - compatible with many computers, servers and networking equipment - verify transfer
time compatibility of loads for UPS applications)
Low voltage transfer to battery power
In AC "auto" mode, inverter/charger switches to battery mode as line voltage drops to 75V (user adjustable to 85, 95,
105V - see manual)
High voltage transfer to battery
power
In AC "auto" mode, inverter/charger switches to battery mode as line voltage increases to 135V (user adjustable to
145 - see manual)
SPECIAL FEATURES
Appearance
All black housing
Load Sensing
Optional load sense function enables automatic inverter shutoff and startup as connected equipment is powered off
and on. Front panel load sense potentiometer can be set to shutoff or turn on inverter power in response to loads of
any level, up to 150 watts.
Remote control capability
Yes
WARRANTY
Product Warranty Period (U.S. &
Canada)
1-year limited warranty
Product Warranty Period
(International)
2-year limited warranty
Product Warranty Period (Mexico)
2-year limited warranty
Product Warranty Period (Puerto
Rico)
1-year limited warranty
Related Items
Optional Products
Model Number
Description
Qty.
APSRM4
Remote Control Module - for Tripp Lite Inverters and Inverter/Chargers
1
BP-260
Ideal battery housing for use with Tripp Lite PowerVerter APS inverter/charger systems with a 12 or
24V DC system voltage.
1
4 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com