Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSINT2012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # APSINT2012
Description  PowerVerter짰 APS INT Series 2000W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSINT2012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  APSINT2012 Datasheet HTML 1Page - List of Unclassifed Manufacturers APSINT2012 Datasheet HTML 2Page - List of Unclassifed Manufacturers APSINT2012 Datasheet HTML 3Page - List of Unclassifed Manufacturers APSINT2012 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PowerVerter® APS INT Series 2000W
Inverter/Charger with Auto-Transfer Switching and
Hardwire Input/Output
MODEL NUMBER: APSINT2012
Description
Tripp Lite's APSINT2012 DC-to-AC inverter with automatic line-to-battery transfer and integrated charging
system serves as an extended run UPS, a standalone power source or an automotive inverter. Supplies up to
2000 watts of continuous 230V AC power from any 12V battery or automotive DC source. When hardwire AC
input is energized, commercial power passes through to connected equipment and the battery set is recharged
via 3 stage, selectable 15/60 amp charging system. In UPS mode, the APS system responds to blackouts and
voltage fluctuations with a near instantaneous automatic transfer to battery-derived AC output. Includes a set of
high current DC input terminals for simple installation (user supplies batteries and cabling - see owner's manual
for recommendations). Passes sine wave utility or generator power during battery charging and UPS line power
operation, plus efficient PWM sine wave AC output in inverter and UPS backup modes. Reliable large
transformer design, with frequency control powers resistive electronic loads or large inductive motors,
compressors and other items with high current needs on startup. Optional APSRM4 wired remote power switch
with full status LEDs provides remote power inverter on/off switching and continuous status information
(APSRM4 sold separate). Supports an unlimited amount of runtime with any number of user-supplied batteries
connected. Highly adaptable to a variety of applications and site conditions with adjustable charger settings for
wet/gel battery types and selectable line to battery power transfer voltages.
Features
Supports 230V AC output from a 230V AC line power source or 12V DC battery source
20 millisecond automatic transfer between line and battery power supports UPS protection during blackouts
and voltage fluctuations for equipment compatible with a one cycle transfer time
Double Boost inverter output supports momentary startup loads up to 200% of the continuous rating for up to 10 seconds (see specification chart)
OverPower inverter output supports longer duration overloads to 150% for 1-60 minutes under ideal battery and temperature conditions.
3 stage, 15/60 amp battery charger with adjustable settings for wet/gel battery types offers fast, reliable battery recharging
3 position operating mode switch supports "AUTO" mode to enable automatic transfer between DC and AC modes, CHARGE-ONLY to maintain a full
Highlights
12V DC or 230V AC input; 230V,
50 Hz output (hardwired)
2000 watts continuous, 3000
watts OverPower and 4000 watts
DoubleBoost inverter output (see
specifications)
3 stage, selectable 15/60 amp
wet/dry cell battery charger
Auto Transfer Switching option
for battery backup / UPS
operation
Reliability enhanced
large-transformer design with
protected DC and AC wiring
terminals
Applications
Ideal for RVs, over-the-road
trucking, conversion vans and
fleet service vehicles; a
standalone alternative power
source for off-grid, alternative
energy or export applications and
as an uninterruptible power
supply (UPS) for items
compatible with a 20 millisecond
transfer time. Moisture-resistant
construction enables vehicular or
marine operation in high humidity
environments. NOTE: For sump
pump applications, Tripp Lite
recommends its "UT" Utility Truck
Inverter/Chargers.
Package Includes
APSINT2012 Inverter/Charger
Instruction manual with warranty
information
1 / 4


Similar Part No. - APSINT2012

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
APSINT2012 TRIPPLITE-APSINT2012 Datasheet
170Kb / 5P
2000W APS INT Series 12VDC 230V Inverter/Charger with Auto Transfer Switching, Hardwired
More results

Similar Description - APSINT2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS750 ETC2-APS750 Datasheet
161Kb / 4P
PowerVerter APS 750W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
APS750 ETC2-APS750_14 Datasheet
533Kb / 6P
PowerVerter짰 APS 750W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
APS1250 ETC2-APS1250 Datasheet
529Kb / 6P
PowerVerter짰 APS 1250W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
APS2012 ETC2-APS2012 Datasheet
516Kb / 6P
PowerVerter짰 APS 2000W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
APS2424 ETC2-APS2424 Datasheet
511Kb / 6P
PowerVerter짰 APS 2400W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
RV1250ULHW ETC2-RV1250ULHW Datasheet
524Kb / 6P
PowerVerter짰 1250W RV Inverter/Charger with Hardwire Input/Output
logo
Tripp Lite. All Rights ...
APSX1250 TRIPPLITE-APSX1250 Datasheet
509Kb / 4P
PowerVerter APS X 1250W 12VDC 230V Inverter/Charger with Auto-Transfer Switching, 2-C13 Outlets
APSX2012SW TRIPPLITE-APSX2012SW Datasheet
544Kb / 3P
PowerVerter APS INT 2000W 12VDC 230V
APSINT2012 TRIPPLITE-APSINT2012 Datasheet
170Kb / 5P
2000W APS INT Series 12VDC 230V Inverter/Charger with Auto Transfer Switching, Hardwired
APS3636VR TRIPPLITE-APS3636VR Datasheet
187Kb / 5P
3600W PowerVerter APS 36VDC 120V Inverter/Charger with Auto-Transfer Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com