Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMC-C197 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMC-C197
Description  3296 - 3/8 Square Trimpot Trimming Potentiometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMC-C197 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMC-C197 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMC-C197 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMC-C197 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMC-C197 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMC-C197 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMC-C197 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMC-C197 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMC-C197 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMC-C197 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Package Dimensions
0.80
(0.031)
1.60
(0.063)
POLARITY
0.70 (0.028) MIN.
CATHODE LINE
0.30 ± 0.15
(0.012 ± 0.006)
DIFFUSED EPOXY
PC BOARD
0.40 (0.016)
0.16 (0.006)
SOLDERING
TERMINAL
CATHODE MARK
HSMx-C197
CATHODE MARK
1.25
(0.049)
2.00 (0.079)
DIFFUSED EPOXY
PC BOARD
0.40 (0.016)
0.16 (0.006)
POLARITY
0.40 ± 0.15
(0.016 ± 0.006)
SOLDERING
TERMINAL
1.10 (0.043) MIN.
0.40 ± 0.15
(0.016 ± 0.006)
CATHODE LINE
HSMx-C177
3.4 (0.134)
0.3 (0.012)
0.50 ± 0.15
(0.020 ± 0.006)
1.1 (0.043)
POLARITY
CATHODE
MARK (ETCHED)
1.1 (0.043)
0.50 ± 0.15
(0.020 ± 0.006)
1.2
(0.047)
1.25 (0.049)
LED DIE
UNDIFFUSED
EPOXY
PC BOARD
SOLDERING
TERMINAL
GREEN SOLDER MASK
CATHODE LINE
HSMx-C265
1.6 (0.063)
0.5 (0.020)
POLARITY
CATHODE MARK
(ANODE MARK FOR HSMH-C120)
1.0 (0.039)
3 – 0.3 (0.012)
1.2 (0.047)
0.3 (0.012)
LED DIE
CLEAR EPOXY
PC BOARD
SOLDERING
TERMINAL
0.6 (0.024)
CATHODE LINE
HSMx-C120
NOTES:
1. ALL DIMENSIONS IN MILLIMETERS (INCHES).
2. TOLERANCE IS ± 0.1 mm (± 0.004 IN.) UNLESS OTHERWISE SPECIFIED.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com