Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B004-DUA2-K-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B004-DUA2-K-R
Description  2-Port DVI/USB KVM Switch w/ Audio and Cables
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B004-DUA2-K-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B004-DUA2-K-R Datasheet HTML 1Page - List of Unclassifed Manufacturers B004-DUA2-K-R Datasheet HTML 2Page - List of Unclassifed Manufacturers B004-DUA2-K-R Datasheet HTML 3Page - List of Unclassifed Manufacturers B004-DUA2-K-R Datasheet HTML 4Page - List of Unclassifed Manufacturers B004-DUA2-K-R Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1536) signal. A DVI to VGA adapter, such as Tripp Lite's P126-000, is required for conversion to an analog
monitor.
To connect to a HDMI monitor, a DVI to HDMI adapter, such as Tripp Lite's P132-000, is required. (Audio is
not supported when converting from DVI to HDMI)
Full time DDC support provides the necessary EDID information for optimal video performance on Windows 7
and other operating systems
Supports Microsoft® IntelliMouse® and the scrolling wheel on most mice
(x2) 6ft USB cables and (x2) 6ft DVI + Audio KVM cable kits included
Compatible with all major operating systems
Specifications
OVERVIEW
# Of Users
1
AC Adapter
Input: 100-240V, 50/60Hz, 0.4A Output: 5V, 2A
Port Control
Push Buttons, Hotkeys
Max CPU
2
PC/Server
DVI; USB
IP Remote Access
No
PHYSICAL
Color
Silver
Style
Desktop
ENVIRONMENTAL
BTUs
245.52
CONNECTIONS
Ports
2
Included KVM Cable (Equipment
Side) - Connector 1
DVI-I (Male)
Included KVM Cable (Equipment
Side) - Connector 2
(x2) 3.5mm (Male)
Included KVM Cable (Equipment
Side) - Connector 3
USB A (Male)
Local Console Ports - Port 1
DVI-I (Female)
Compatible with all major
operating systems
Package Includes
B004-DUA2-K-R
(x2) 6 ft. DVI-I + 3.5mm Audio
Cable kits
(x2) 6 ft. USB A-B Device Cables
Owner's Manual
External Power Supply (Input:
100-240V, 50/60Hz, 0.4A
Output: 5V, 2A)
2 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com