Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B022-002-KT-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B022-002-KT-R
Description  2-Port Desktop KVM Switch w/ 2 KVM Cable Kits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B022-002-KT-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B022-002-KT-R Datasheet HTML 1Page - List of Unclassifed Manufacturers B022-002-KT-R Datasheet HTML 2Page - List of Unclassifed Manufacturers B022-002-KT-R Datasheet HTML 3Page - List of Unclassifed Manufacturers B022-002-KT-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Port Control
Push Buttons, Hotkeys
Max CPU
2
PC/Server
PS/2
Cat5 KVM Switch
No
IP Remote Access
No
UPC ASSIGNMENT
Unit Carton UPC#
037332120236
PHYSICAL
Unit Dimensions (HWD/in)
1 x 5 x 3.25
Unit Dimensions (HWD/cm)
2.54 x 12.7 x 8.26
Unit weight (lbs)
0.73
Unit weight (kg)
0.33
Color
Silver
Style
Desktop
LCD Monitor (in.)
Not Applicable
LCD Monitor (cm)
Not Applicable
CONNECTIONS
Ports
2
Included KVM Cable (Equipment
Side) - Connector 1
HD15 (Male)
Included KVM Cable (Equipment
Side) - Connector 2
(x2) MiniDIN6 (Male)
Local Console Ports - Port 1
HD15 (Female)
Local Console Ports - Port 2
(x2) MiniDIN6 (Female)
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
Related Items
Required Products
Model Number
Description
Qty.
2 / 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com