Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7828 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # H7828
Description  Compact Head-on PMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H7828 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  H7828 Datasheet HTML 1Page - Hamamatsu Corporation H7828 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
47
Characteristics (Count sensitivity, Dark count)
Block Diagram
Dimensional Outlines (Unit: mm)
TPHOB0051EA
TPHOB0052EA
TPHOC0035ED
Photon Counting Heads
200
400
600
800
300
500
700
900
WAVELENGTH (nm)
103
104
105
106
H7828-01
H7828
AMBIENT TEMPERATURE (
°C)
10
20
30
40
5
152535
100
101
102
104
103
105
H7828-01
H7828
PMT
COMPARATOR
PULSE
SHAPER
+
-
HV POWER SUPPLY
VOLTAGE DIVIDER
CIRCUIT
LLD.
RL
50
Ω
OUTPUT
TO
PULSE COUNTER
+5 V
GND
AMP
POSITIVE
LOGIC
POWER INPUT
TPHOA0028EB
13.0
± 0.5
18
4-M2
DEPTH: 5
26.0
+0.5
- 0
56.0
0
+0.5
- 0
+0.1
- 0.3
10.0
± 0.5
SIDE VIEW
FRONT VIEW
REAR VIEW
16.0
± 0.5
2-M3 DEPTH: 5
SIGNAL OUTPUT
BNC-R
POWER INPUT CONNECTOR
HIROSE HR10A-7R-6P
EFFECTIVE AREA
( 15 MIN.)
700
± 20
1: Vcc +5 V
2: GND
3: IC*
4: IC*
5: NC
6: NC
* Internal Connection (Do not use)
Power cable with connector (HIROSE HR10A-7P-6S) is supplied with H7828 series
BLACK
RED
: GND
: LOW VOLTAGE INPUT (+5 V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com