Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS06A12T3V3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GS06A12T3V3
Description  MAX Guard??ESD Suppressor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS06A12T3V3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GS06A12T3V3 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS06A12T3V3 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS06A12T3V3 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS06A12T3V3 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS06A12T3V3 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS06A12T3V3 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS06A12T3V3 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS06A12T3V3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MAX Guard
 ESD Suppressor
(Low Capacitance Series)
Document No
TGS-XX0S001C
Issued date
2013/8/30
Page
4/8
TA-I TECHNOLOGY CO., LTD
7. Taping and Reel
7.1 Taping Dimensions
4 mm pitch paper
Packing
Type
A
B
W
F
E
P1
P2
P0
D0
T
Paper Tape
GS04
0.7±0.05
1.2±0.05
8.0±0.2
3.5±0.05 1.75±0.1 2.0±0.1 2.0±0.05 4.0±0.1
+0.1
1.5
0
0.45±0.1
Paper Tape
GS06
1.1±0.1
1.9±0.1
8.0±0.2
3.5±0.05 1.75±0.1 4.0±0.1 2.0±0.05 4.0±0.1
+0.1
1.5
-0
0.64±0.1
Unit: mm
Type Size
Paper Tape
2 mm Pitch
180mm/R
GS
04
10000
Type series
Paper Tape
4 mm Pitch
180mm/R
GS
06
5000
Unit: pcs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com