Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2204 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L2204
Description  4-pin plastic package, infrared LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L2204 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L2204 Datasheet HTML 1Page - Hamamatsu Corporation L2204 Datasheet HTML 2Page - Hamamatsu Corporation L2204 Datasheet HTML 3Page - Hamamatsu Corporation L2204 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Infrared LED
L2204/L2402/L3458 series
WAVELENGTH (nm)
(Typ. Ta=25 ˚C, IF=50 mA)
700
0
20
100
80
60
40
800
900
1000
1100
L2402 SERIES
L3458 SERIES
L2204 SERIES
FORWARD CURRENT (mA)
(Typ. Ta=25 ˚C, tw=100 µs, 0.1 %)
10
1
0.1
1
1000
100
10
100
1000
L2204 SERIES
L2402 SERIES
L3458 SERIES
FORWARD VOLTAGE (V)
(Typ. Ta=25 ˚C, tw=100 µs, 1 %)
2.0
1.5
1.0
1
10
1000
100
2.5
3.0
3.5
L2204 SERIES
L3458 SERIES
L2402 SERIES
RELATIVE RADIANT OUTPUT (%)
(Typ. Ta=25 ˚C)
20˚
10˚
10˚
20˚
90˚
80˚
50˚
40˚
30˚
70˚
60˚
90˚
80˚
50˚
40˚
30˚
70˚
60˚
80 %
40 %
60 %
20 %
100 %
s Emission spectrum
KLEDB0202EA
s Forward current vs. forward voltage
KLEDB0203EA
KLEDB0204EA
KLEDB0205EA
s Radiant flux vs. forward current
s Directivity



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com