Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1545-R3 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1545-R3
Description  2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 2 Circuits, with Pre-bent Mounting Ears, with Ramps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1545-R3 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1545-R3 Datasheet HTML 1Page - Molex Electronics Ltd. 1545-R3 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 08/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
03-09-1027
Status:
Active
Overview:
Standard .093" Pin and Socket Connectors
Description:
2.36mm Diameter Standard .093" Pin and Socket Receptacle Housing, 2 Circuits, with
Pre-bent Mounting Ears, with Ramps
Documents:
3D Model
Product Specification PS-43660-9999 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-02-09 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
1545
Application
Power, Wire-to-Wire
Comments
Polarized to Mating Part, 17.0A max. can be achieved
when housing is used with 42477 or 42478 terminals
MolexKits
Yes
Overview
Standard .093" Pin and Socket Connectors
Product Name
Standard .093"
UPC
800753615052
Physical
Breakaway
No
Circuits (maximum)
2
Circuits Detail
1x2
Color - Resin
Natural
Flammability
94V-2
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
1.720/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface
6.30mm
Pitch - Termination Interface
6.30mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
14A
Material Info
Old Part Number
1545-R3
Reference - Drawing Numbers
Product Specification
PS-02-09, PS-43660-9999
Sales Drawing
SD-1545-*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
1545Series
Mates With
03-09-2022 , 03-09-7022 , 03-09-7024
Use With
1189 Crimp Terminals, 1190 Crimp
Terminals, 1376 Male PC Tail Terminals,
1377 Female PC Tail Terminals, 1380
Male Crimp Terminals, 1381 Female Crimp
Terminals, 1433 Crimp Terminals, 1434
Male Crimp Terminals, 1973 Male


Similar Part No. - 1545-R3

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1545-R3 MOLEX1-1545-R3 Datasheet
214Kb / 4P
2.36mm (.093") Diameter Standard .093" Pin and Socket Receptacle Housing, 2 Circuits, With Pre-bent Mounting Ears, With Ramps
1545-R3 MOLEX1-1545-R3 Datasheet
218Kb / 3P
2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing, 2 Circuits, With Standard Mounting Ears
1545-R3BK MOLEX1-1545-R3BK Datasheet
214Kb / 3P
2.36mm (.093") Diameter Standard .093" Pin and Socket Receptacle Housing, 2 Circuits, With Pre-bent Mountin Ears, With Ramps, Black
1545-R3BK MOLEX1-1545-R3BK Datasheet
218Kb / 3P
2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing, 2 Circuits, With Standard Mounting Ears
1545-R3BU MOLEX1-1545-R3BU Datasheet
218Kb / 3P
2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing, 2 Circuits, With Standard Mounting Ears
More results

Similar Description - 1545-R3

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0003091022 MOLEX1-0003091022 Datasheet
215Kb / 4P
2.36mm (.093") Diameter Standard .093" Pin and Socket Receptacle Housing, 2 Circuits, Without Mounting Ears, WIth Ramps
0003096021 MOLEX1-0003096021 Datasheet
214Kb / 3P
2.36mm (.093") Diameter Standard .093" Pin and Socket Receptacle Housing, 2 Circuits, With Pre-bent Mountin Ears, With Ramps, Black
0003091027 MOLEX1-0003091027 Datasheet
214Kb / 4P
2.36mm (.093") Diameter Standard .093" Pin and Socket Receptacle Housing, 2 Circuits, With Pre-bent Mounting Ears, With Ramps
0019091043 MOLEX2-0019091043 Datasheet
152Kb / 4P
2.36mm (.093) Diameter, .093 Pin and Socket Receptacle Housing with Positive Latch, 4 Circuits, With Pre-bent Mounting Ears
0019092031 MOLEX2-0019092031 Datasheet
167Kb / 4P
2.36mm (.093) Diameter, .093 Pin and Socket Plug Housing with Positive Latch, 3 Circuits, With Pre-bent Mounting Ears
0019092043 MOLEX2-0019092043 Datasheet
159Kb / 4P
2.36mm (.093) Diameter, .093 Pin and Socket Plug Housing with Positive Latch, 4 Circuits, With Pre-bent Mounting Ears
03-06-1022 MOLEX11-03-06-1022 Datasheet
38Kb / 2P
1.57mm Diameter Standard .062 Pin and Socket Receptacle Housing, 2 Circuits, with Pre-bent Mounting Ears
03-09-1022 MOLEX11-03-09-1022 Datasheet
45Kb / 2P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 2 Circuits, without Mounting Ears, with Ramps
03-09-6021 MOLEX11-03-09-6021 Datasheet
45Kb / 2P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 2 Circuits, with Pre-bent Mounting Ears, with Ramps, Black
19-09-1043 MOLEX11-19-09-1043 Datasheet
43Kb / 2P
2.36mm Diameter, .093 Pin and Socket Receptacle Housing with Positive Latch, 4 Circuits, with Pre-bent Mounting Ears
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com