Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1490-R1 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1490-R1
Description  2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 4 Circuits, Single Row
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1490-R1 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1490-R1 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
03-09-1042
Status:
Active
Overview:
Standard .093" Pin and Socket Connectors
Description:
2.36mm Diameter Standard .093" Pin and Socket Receptacle Housing, 4 Circuits,
Single Row
Documents:
3D Model
Product Specification PS-43660-9999 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-02-09 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
1490
Application
Power, Wire-to-Wire
Comments
14.0A max. can be achieved when housing is used with
42477 or 42478 terminals
Overview
Standard .093" Pin and Socket Connectors
Product Name
Standard .093"
UPC
800753615090
Physical
Circuits (maximum)
4
Circuits Detail
(1 x 4)
Color - Resin
Natural
Flammability
94V-2
Gender
Receptacle
Glow-Wire Compliant
No
Material - Resin
Nylon
Net Weight
2.179/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
5.03mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
11A
Material Info
Old Part Number
1490-R1
Reference - Drawing Numbers
Product Specification
PS-02-09, PS-43660-9999
Sales Drawing
SD-1490-*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
1490Series
Mates With
03-09-2041 , 03-09-2042 , 3099
Use With
1189 Crimp Terminals, 1190 Crimp
Terminals, 1376 Male PC Tail Terminals,
1377 Female PC Tail Terminals, 1380
Male Crimp Terminals, 1381 Female Crimp
Terminals, 1433 Crimp Terminals, 1434
Male Crimp Terminals, 1973
This document was generated on 08/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1490-R1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1490-R1 MOLEX1-1490-R1 Datasheet
128Kb / 3P
2.36mm (.093") Diameter Standard .093" Pin and Socket Receptacle Housing, 4 Circuits, Single Row
1490-R1 MOLEX1-1490-R1 Datasheet
121Kb / 4P
2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing
1490-R1BK MOLEX1-1490-R1BK Datasheet
121Kb / 4P
2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing
More results

Similar Description - 1490-R1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0003091042 MOLEX1-0003091042 Datasheet
128Kb / 3P
2.36mm (.093") Diameter Standard .093" Pin and Socket Receptacle Housing, 4 Circuits, Single Row
0003091041 MOLEX1-0003091041 Datasheet
118Kb / 3P
2.36mm (.093") Diameter Standard .093" Pin and Socket Receptacle Housing, 4 Circuits, Single Row
0003091031 MOLEX1-0003091031 Datasheet
190Kb / 4P
2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 3 Circuits, Single Row
0003091032 MOLEX1-0003091032 Datasheet
248Kb / 5P
2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 3 Circuits, Single Row
03-09-1041 MOLEX11-03-09-1041 Datasheet
44Kb / 1P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 4 Circuits, Single Row
03-09-1049 MOLEX11-03-09-1049 Datasheet
46Kb / 1P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 4 Circuits, Dual 2.36mm Diameter Standard .093" Pin and Socket Receptacle Housing, 4 Circuits, Dual
0003091041 MOLEX1-0003091041_18 Datasheet
37Kb / 1P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 4 Circuits
0003091042 MOLEX1-0003091042_18 Datasheet
37Kb / 1P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 4 Circuits
0003091049 MOLEX1-0003091049_18 Datasheet
39Kb / 2P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 4 Circuits
0469990653 MOLEX1-0469990653 Datasheet
34Kb / 1P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 4 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com