Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2163-R1 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2163-R1
Description  2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 4 Circuits, Dual 2.36mm Diameter Standard .093" Pin and Socket Receptacle Housing, 4 Circuits, Dual
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

2163-R1 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2163-R1 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/02/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
03-09-1049
Status:
Active
Overview:
Standard .093" Pin and Socket Connectors
Description:
2.36mm Diameter Standard .093" Pin and Socket Receptacle Housing, 4 Circuits, Dual
Row
Documents:
3D Model
Product Specification PS-43660-9999 (PDF)
Drawing (PDF)
Packaging Specification PK-2163-001 (PDF)
Product Specification PS-02-09 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
2163
Application
Power, Wire-to-Wire
Comments
14.0A max. can be achieved when housing is used with
42477 or 42478 terminals
Overview
Standard .093" Pin and Socket Connectors
Product Name
Standard .093"
UPC
800753615106
Physical
Circuits (maximum)
4
Circuits Detail
(2 x 2)
Color - Resin
Natural
Flammability
94V-2
Gender
Receptacle
Glow-Wire Compliant
No
Material - Resin
Nylon
Net Weight
1.911/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
5.03mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
11A
Material Info
Old Part Number
2163-R1
Reference - Drawing Numbers
Packaging Specification
PK-2163-001
Product Specification
PS-02-09, PS-43660-9999
Sales Drawing
SD-2163-*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
2163Series
Mates With
03-09-2040 , 03-09-2049
Use With
1189 Crimp Terminals, 1190 Crimp
Terminals, 1380 Male Crimp Terminals,
1381 Female Crimp Terminals, 1433 Crimp
Terminals, 1434 Male Crimp Terminals,
1973 , 2151 , 2273 , 2870 , 2871 , 4272 ,
4550 , 6271
This document was generated on 10/02/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 2163-R1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2163-R1 MOLEX1-2163-R1 Datasheet
162Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 4 Circuits, Dual Row
2163-R1 MOLEX1-2163-R1 Datasheet
162Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 4 Circuits, Dual Row
2163-R1BK MOLEX1-2163-R1BK Datasheet
162Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 4 Circuits, Dual Row
2163-R1UV MOLEX1-2163-R1UV Datasheet
162Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 4 Circuits, Dual Row
More results

Similar Description - 2163-R1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0003091064 MOLEX1-0003091064 Datasheet
191Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 6 Circuits, Dual Row
0003091049 MOLEX1-0003091049 Datasheet
162Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 4 Circuits, Dual Row
0003091041 MOLEX1-0003091041_18 Datasheet
37Kb / 1P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 4 Circuits
0003091042 MOLEX1-0003091042_18 Datasheet
37Kb / 1P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 4 Circuits
0003091049 MOLEX1-0003091049_18 Datasheet
39Kb / 2P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 4 Circuits
0019091026 MOLEX1-0019091026_18 Datasheet
36Kb / 1P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing
0019091036 MOLEX1-0019091036_18 Datasheet
33Kb / 2P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing
0019091066 MOLEX1-0019091066_18 Datasheet
33Kb / 1P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing
0019091096 MOLEX1-0019091096_18 Datasheet
36Kb / 1P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing
0469990653 MOLEX1-0469990653 Datasheet
34Kb / 1P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 4 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com