Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1375-R Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1375-R
Description  2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 15 Circuits, 3 Rows
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1375-R Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1375-R Datasheet HTML 1Page - Molex Electronics Ltd. 1375-R Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 08/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
03-09-1151
Status:
Active
Overview:
Standard .093" Pin and Socket Connectors
Description:
2.36mm Diameter Standard .093" Pin and Socket Receptacle Housing, 15 Circuits, 3
Rows
Documents:
3D Model
Product Specification PS-1375-002 (PDF)
Drawing (PDF)
Product Specification PS-42477 (PDF)
Product Specification PS-02-09 (PDF)
Packaging Specification PK-1375-001 (PDF)
Product Specification PS-1375-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
1375
Application
Power, Wire-to-Wire
Comments
12.5A max. can be achieved when housing is used with
42477 or 42478 terminals
MolexKits
Yes
Overview
Standard .093" Pin and Socket Connectors
Product Name
Standard .093"
UPC
800753614758
Physical
Circuits (maximum)
15
Color - Resin
Natural
Flammability
94V-2
Gender
Receptacle
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Resin
Nylon
Net Weight
6.914/g
Number of Rows
3
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface
5.03mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
9.5A
Material Info
Old Part Number
1375-R
Reference - Drawing Numbers
Packaging Specification
PK-1375-001
Product Specification
PS-02-09, PS-1375-001, PS-1375-002, PS-42477
Sales Drawing
SD-1375-*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
1375Series
Mates With
03-09-2151 , 03-09-2158 , 3099
Use With
1189 Crimp Terminals, 1190 Crimp
Terminals, 1376 Male PC Tail Terminals,
1377 Female PC Tail Terminals, 1380
Male Crimp Terminals, 1381 Female Crimp
Terminals, 1433 Crimp Terminals, 1434
Male Crimp Terminals, 1973
This document was generated on 08/11/2014


Similar Part No. - 1375-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1375-R MOLEX1-1375-R Datasheet
241Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 15 Circuits, 3 Rows
1375-R MOLEX1-1375-R Datasheet
186Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 15 Circuits, 3 Rows, without Panel Mount Ears, with Pull Tabs, without Passive Lock Windows
1375-R1 MOLEX1-1375-R1 Datasheet
211Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 15 Circuits, 3 Rows, without Panel Mount Ears, without Passive Lock Ramp
1375-R1 MOLEX1-1375-R1 Datasheet
186Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 15 Circuits, 3 Rows, without Panel Mount Ears, with Pull Tabs, without Passive Lock Windows
1375-R1 MOLEX11-1375-R1 Datasheet
44Kb / 1P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 15 Circuits, 3 Rows, without Panel Mount Ears, without Passive Lock Ramp
More results

Similar Description - 1375-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0003092159 MOLEX1-0003092159 Datasheet
242Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 15 Circuits, 3 Rows
0003091157 MOLEX1-0003091157 Datasheet
241Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 15 Circuits, 3 Rows
0003091151 MOLEX1-0003091151 Datasheet
241Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 15 Circuits, 3 Rows
0003091154 MOLEX1-0003091154 Datasheet
241Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 15 Circuits, 3 Rows
0003091125 MOLEX1-0003091125 Datasheet
170Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 12 Circuits, 3 Rows
0003092158 MOLEX1-0003092158 Datasheet
242Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 15 Circuits, 3 Rows
03-09-1154 MOLEX11-03-09-1154 Datasheet
43Kb / 1P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 15 Circuits, 3 Rows
03-09-1157 MOLEX11-03-09-1157 Datasheet
43Kb / 1P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 15 Circuits, 3 Rows
03-09-2159 MOLEX11-03-09-2159 Datasheet
45Kb / 1P
2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 15 Circuits, 3 Rows
0003092159 MOLEX1-0003092159_18 Datasheet
38Kb / 1P
2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 15 Circuits, 3 Rows
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com