Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PR10
Description  10-Amp DC Power Supply - Precision Regulated AC-to-DC Conversi
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PR10 Datasheet HTML 1Page - List of Unclassifed Manufacturers PR10 Datasheet HTML 2Page - List of Unclassifed Manufacturers PR10 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10-Amp DC Power Supply - Precision Regulated
AC-to-DC Conversion
MODEL NUMBER: PR10
Description
Precision regulated DC power supplies are ideal for commercial/land-mobile, ham and CB radios, test bench
supplies, base stations, tape players and amplifiers. Designed for years of reliable service and superior performance, they efficiently convert 120 volts AC into
13.8 volts DC (+/-0.5V). The Trim Line Series of DC power supplies offers a low-profile design with a footprint that matches the most popular radios on the
market, such as Motorola, Radius, GE Monogram Series and EF Johnson models.
Features
Smaller footprint maximizes operating space
Automatic time-controlled overcurrent protection in case of overload
Solid state, integrated circuit maintains excellent regulation of output voltage
Regulated output voltage maintains up to 95% of no load value
High quality filtering creates very low ripple/low noise operation
Heavy-duty power transformer provides complete isolation from noise on incoming AC power
Large heat sinks and vented cabinets supply cool operation for continuous use and long life of the unit
Illuminated on/off switch
Connectors: Hardwire terminals / Red positive (+), Black negative (-)
Working Temperature Range: 0° C to 40° C (32° F to 104° F), 0 to 95% humidity, non-condensing
Storage Temperature Range: -15° C to 50° C (5° F to 122° F)
LED Indicators: Red LED indicates that DC output is being provided
Specifications
UPC ASSIGNMENT
Unit Carton UPC#
037332060013
Highlights
Smaller footprint maximizes
operating space
Automatic time-controlled
overcurrent protection in case of
overload
Solid state, integrated circuit
maintains excellent regulation of
output voltage
Regulated output voltage
maintains up to 95% of no load
value
Applications
30 watt transmitters, VHF/UHF ham
radios, commercial/land-mobile radios,
low power linear amplifiers, test bench
equipment, point-of-sale displays,
aquariums
1 / 2


Similar Part No. - PR10

ManufacturerPart #DatasheetDescription
logo
CUI INC
PR10 CUI-PR10 Datasheet
462Kb / 6P
POWER RELAY
08/09/2022
logo
CUI Devices
PR10 CUID-PR10 Datasheet
462Kb / 6P
POWER RELAY
08/09/2022
logo
Same Sky Devices
PR10 SAMESKY-PR10 Datasheet
404Kb / 6P
POWER RELAY
09/12/2024
logo
CUI INC
PR10-12V-450-1A CUI-PR10-12V-450-1A Datasheet
462Kb / 6P
POWER RELAY
08/09/2022
logo
CUI Devices
PR10-12V-450-1A CUID-PR10-12V-450-1A Datasheet
462Kb / 6P
POWER RELAY
08/09/2022
More results

Similar Description - PR10

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
DCH3138P1 HVPSI-DCH3138P1 Datasheet
120Kb / 1P
Regulated/Adjustable 10-20kV DC-DC HV Power Supply
logo
List of Unclassifed Man...
PR25 ETC2-PR25 Datasheet
481Kb / 3P
25-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
PR40 ETC2-PR40 Datasheet
480Kb / 3P
40-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
PR50 ETC2-PR50 Datasheet
480Kb / 3P
50-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
PR60 ETC2-PR60 Datasheet
478Kb / 3P
60-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
logo
NTE Electronics
57-9D-500-1 NTE-57-9D-500-1 Datasheet
537Kb / 1P
9V AC-DC Switching Regulated Power Supply
57-12D-500-1 NTE-57-12D-500-1 Datasheet
2Mb / 1P
12V AC-DC Switching Regulated Power Supply
57-18D-500-1 NTE-57-18D-500-1 Datasheet
416Kb / 1P
18V AC-DC Switching Regulated Power Supply
57-24D-500-3 NTE-57-24D-500-3 Datasheet
777Kb / 1P
24V AC-DC Switching Regulated Power Supply
logo
Tripp Lite. All Rights ...
TLC11 TRIPPLITE-TLC11 Datasheet
143Kb / 1P
DC Power Supply - Precision Regulated AC-to-DC Conversion
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com