Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLS06 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RLS06
Description  Lead-Free Current Sensing Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RLS06 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RLS06 Datasheet HTML 1Page - List of Unclassifed Manufacturers RLS06 Datasheet HTML 2Page - List of Unclassifed Manufacturers RLS06 Datasheet HTML 3Page - List of Unclassifed Manufacturers RLS06 Datasheet HTML 4Page - List of Unclassifed Manufacturers RLS06 Datasheet HTML 5Page - List of Unclassifed Manufacturers RLS06 Datasheet HTML 6Page - List of Unclassifed Manufacturers RLS06 Datasheet HTML 7Page - List of Unclassifed Manufacturers RLS06 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Lead-Free Current Sensing Resistors
RLS Series
( Halogen-Free )
Document No
TRLS-XX0S001D
Issued date
2014/07/25
page
2/8
TA-I TECHNOLOGY CO., LTD
4. Features:
Series
Size
Power
(W)
Resistance
Value
Operation
Temperature Range
TCR
Tolerance
RLS06
0603
0.25
5 ~ 20 mΩ
-55℃~+170℃
±100ppm/℃
±1%
±2%
±5%
RLS10
0805
0.5
5 ~ 20 mΩ
RLS12
1206
1.0
5 ~ 40 mΩ
5. Reliability Tests:
Test Items
Reference
standard
Condition of Test
Test Limits
Temperature Coefficient
of Resistance
IEC60115-1-4.8
JIS-C5201-4.8
+25℃ ~ +125℃
Refer 4.0
Load Life
IEC60115-1-4.25.1
JIS-C5201-4.25.1
1000hours at rated power, 70℃,
1.5hours “ON”, 0.5hour “OFF”
< ±1%
Short Time Overload
IEC60115-1-4.13
JIS-C5201-4.13
5 X rated power for 5s
< ±1%
Moisture no Load
IEC60115-1- 4.24.2.1a)
JIS-C5201- 4.24.2.1a)
85℃, 85%RH, 1000hrs
< ±1%
Temperature cycle
IEC60115-1-4.19
JIS-C5201-4.19
-55℃ & +155℃, 100cycle,
15min per extreme condition
< ±1%
Resistance to Soldering
Heat
IEC60115-1-4.18
JIS-C5201-4.18
260±5℃ for 10±1 sec
< ±0.5%
Solderability
IEC60115-1-4.17
JIS-C5201-4.17
245±5℃, 2±0.5sec
At least 95% of surface
area of electrode shall
be covered with new
solder
High Temperature Exposure
IEC60115-1- 4.23.2
JIS-C5201-4.23.2
170℃, 1000hrs
< ±1%
Low Temperature Storage
EC60115-1- 4.23.4
JIS-C5201-4.23.4
-55℃, 1000hrs
<±1%
Substrate Bending
IEC60115-1-4.33
JIS-C5201-4.33
Bending width 2mm
< ±0.5%
Insulation Resistance
IEC60115-1-4.6
JIS-C5201-4.6
100V DC for 1 minute
>100 MΩ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com