Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U222-007-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # U222-007-R
Description  7-Port USB 2.0 Hi-Speed Hub
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

U222-007-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  U222-007-R Datasheet HTML 1Page - List of Unclassifed Manufacturers U222-007-R Datasheet HTML 2Page - List of Unclassifed Manufacturers U222-007-R Datasheet HTML 3Page - List of Unclassifed Manufacturers U222-007-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OVERVIEW
AC Adapter
Input: 100-240VAC, 50/60Hz, 0.5A 30VA Output per port: +5V, 500mA
Intended Application
Connecting Peripherals
Cable Type
USB
Model Type
Hubs
UPC ASSIGNMENT
Unit Carton UPC#
037332126733
PHYSICAL
Unit Dimensions (HWD/in)
3.4 x 0.9 x 2.7 (Optional Base is 0.6 x 2.4 x 3.5)
Color
Black & White
ENVIRONMENTAL
Operating Temperature Range
50 to 104 F
CONNECTIONS
Connector A
USB A (FEMALE)
Connector B
USB B (FEMALE)
Number of Connectors
8
Ports
7
CERTIFICATIONS
Approvals
CE, FCC and RoHS
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
Related Items
Optional Products
Model Number
Description
Qty.
U022-006
6-ft. USB2.0 A/B Gold Device Cable
(A Male to B Male)
1
2 / 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com