Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMF02GE103 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RMF02GE103
Description  Automotive Grade Thick Film Chip Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMF02GE103 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RMF02GE103 Datasheet HTML 1Page - List of Unclassifed Manufacturers RMF02GE103 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMF02GE103 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMF02GE103 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMF02GE103 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMF02GE103 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMF02GE103 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMF02GE103 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMF02GE103 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Automotive Grade
Thick Film Chip Resistors
( RMF series standard )
Halogen-Free
Document No.
TRMF-XX0S001A
Revise Date
2014/02/06
page number
4/13
TA-I TECHNOLOGY CO., LTD
5.1 Derating Curve :
For resistors operated at ambient temperature over 70℃ , power rating shall be derated in
accordance with figure 1.
P Max
Ambient Temp.(℃)
Figure 1
5.2 Rated Voltage:
The rated voltage is calculated by the following formula:
E =
P * R
E=Rated Voltage(V)
P=Rated Power(W)
R=Resistance Value(Ω)
E.G. : What is RMF06JT102 the rated voltage ?
RMF06JT102 P:1/10W ; R:102 = 1KΩ = 1000Ω
E =
0.1(W) * 1000(Ω)
= 10 (V)
Power ratio(%)
125
RMF02
RMF04/06/10
RMF12/13/20/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com