Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMD06DT0 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RMD06DT0
Description  Alloy Film Chip Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMD06DT0 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RMD06DT0 Datasheet HTML 1Page - List of Unclassifed Manufacturers RMD06DT0 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMD06DT0 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMD06DT0 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMD06DT0 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMD06DT0 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMD06DT0 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMD06DT0 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMD06DT0 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Alloy Film Chip Resistors
(Totally Lead Free for RMD series standard)
Halogen-Free
Document No. TRMD-XX0S001A
Revise Date
2012/10/18
page number
2/11
TA-I TECHNOLOGY CO., LTD
4. Dimensions :
UNIT: mm
Type
L
W
C
d
t
RMD06
1.60±0.10
0.80±0.10
0.30±0.20
+0.2
0.30
-0.1
0.45±0.10
RMD10
2.00±0.10
1.25±0.10
0.40±0.20
0.40±0.20
0.50±0.10
RMD12
3.10±0.10
1.55±0.10
0.50±0.30
0.40±0.20
0.55±0.10
5. Ratings & Characteristics :
Type
Power
Rating
at 70℃
Rating
Voltage
Max.
Working
Voltage
Max.
Over-
Load
Voltage
T.C.R
(PPM/℃
)
Resistance Range(Ω)
D(±0.5%)
E-96&E-24
F(±1%)
E-96&E-24
G(±2%)
E-24
J(±5%)
E-24
RMD06 1/10W
Refer
5.2
50V
100V
±100
1~10Ω
1~10Ω
1~10Ω
1~10Ω
RMD10
1/8W
Refer
5.2
150V
300V
±100
1~10Ω
1~10Ω
1~10Ω
1~10Ω
RMD12
1/4W
Refer
5.2
200V
400V
±100
1~10Ω
1~10Ω
1~10Ω
1~10Ω
Operating Temp(℃): : -55℃ 〜 +155℃
Note : Except for the above standardized products, we also provide the customized products.
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com